Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO2170M8VR Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AO2170M8VR
Description  36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AO2170M8VR Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AO2170M8VR Datasheet HTML 1Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 2Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 3Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 4Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 5Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 6Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 7Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 8Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AO2170
OP AMPLIFIER
36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
- JUL 2021 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range, unless otherwise noted
Supply Voltage, Vs=(V+) - (V-)
-0.7V ~ 36V
Signal Input Voltage PinNOTE1
(V-)-0.2V ~ (V+)0.2V
Signal Output Voltage PinNOTE2
(V-)-0.2V ~ (V+)0.2V
Signal Input Current PinNOTE1
-10mA ~ 10mA
Signal Output Current PinNOTE2
-100mA ~ 100mA
Output Short-Circuit CurrentNOTE3
Continuous
TA, Operating Range Temperature
-40℃ ~ 125℃
TJ, Junction Temperature
150℃
TSTG, Storage Temperature
-55℃ ~ 150℃
ESD RatingsNOTE4
V(ESD), Electrostatic discharge
Human-body model (HBM)
±5000V
Machine Model (MM)
±200V
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
NOTE1: Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails
should be current-limited to 10mA or less.
NOTE2: Output terminals are diode-clamped to the power-supply rails. Output signals that can swing more than 0.5V beyond the supply
rails should be current-limited to ±100mA or less.
NOTE3: Short-circuit to ground, one amplifier per package.
NOTE4: JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range, unless otherwise noted
Parameter
Min.
Typ.
Max.
Unit
Supply voltage Vs= (V+) - (V-)
Single-Supply
3
-
36
V
Dual-Supply
±1.5
-
±18



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com