Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO2170M8VR Datasheet(PDF) 5 Page - AiT Semiconductor Inc.

Part # AO2170M8VR
Description  36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AO2170M8VR Datasheet(HTML) 5 Page - AiT Semiconductor Inc.

  AO2170M8VR Datasheet HTML 1Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 2Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 3Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 4Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 5Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 6Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 7Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 8Page - AiT Semiconductor Inc. AO2170M8VR Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AO2170
OP AMPLIFIER
36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
- JUL 2021 RELEASED -
- 5 -
TYPICAL PERFORMANCE CHARACTERISTICS
at TA = +25°C, VS=±18V, RL = 10kΩ connected to VS/2, VOUT = VS/2, unless otherwise noted.
1.
Open-Loop Gain and Phase vs. Frequency
2.
Supply Voltage vs. Quiescent Current
3.
Large Signal Step Response
4.
Large Signal Step Response
5.
Small Signal Step Response
6.
Small Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com