Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE10-EW Datasheet(PDF) 6 Page - CUI INC

Part # AE10-EW
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE10-EW Datasheet(HTML) 6 Page - CUI INC

  AE10-EW Datasheet HTML 1Page - CUI INC AE10-EW Datasheet HTML 2Page - CUI INC AE10-EW Datasheet HTML 3Page - CUI INC AE10-EW Datasheet HTML 4Page - CUI INC AE10-EW Datasheet HTML 5Page - CUI INC AE10-EW Datasheet HTML 6Page - CUI INC AE10-EW Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 07/28/2021
│ page 6 of 7
CUI Inc
│ SERIES: AE10-EW │ DESCRIPTION: DC-DC CONVERTER
Figure 1
Table 1
EMC RECOMMENDED CIRCUIT
Table 2
Figure 2
Recommended External Circuit Components
FUSE
1 A/1000 Vdc
MOV
S14K880
C3, C4, C5, C6
47 µF/400 Vdc
R1, R2, R3, R4
1 MΩ/2 W
NTC
10D-11
LDM
4.7 mH/0.38 A
LCM
10 mH
Vout
(Vdc)
Fuse
MOV
NTC
C1
(µF)
C2
(µF)
TVS
5
1 A / 1000 Vdc
S14K880
10D-11
1
220
SMBJ7.0A
9
1 A / 1000 Vdc
S14K880
10D-11
1
120
SMBJ12A
24
1 A / 1000 Vdc
S14K880
10D-11
1
68
SMBJ33A
APPLICATION CIRCUIT
Note: See also Table 1.
Notes:
1. C1 is a ceramic capacitor used to filter high frequency noise.
2. C2 is electrolytic and is recommended to be high frequency and low resistance. For capacitance and current of the capacitor, refer to the datasheet provided by the
manufacturer. Capacitance withstand voltage derating should be 80% or above.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com