Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE10-EW Datasheet(PDF) 1 Page - CUI INC

Part # AE10-EW
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE10-EW Datasheet(HTML) 1 Page - CUI INC

  AE10-EW Datasheet HTML 1Page - CUI INC AE10-EW Datasheet HTML 2Page - CUI INC AE10-EW Datasheet HTML 3Page - CUI INC AE10-EW Datasheet HTML 4Page - CUI INC AE10-EW Datasheet HTML 5Page - CUI INC AE10-EW Datasheet HTML 6Page - CUI INC AE10-EW Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 07/28/2021
page 1 of 7
SERIES: AE10-EW
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 10 watts
• high operating temp -40 to +70°C
• 4,000 Vac isolation
• extra wide input voltage 10:1
• input voltage up to 1 kVdc
• OVP protection
• output short circuit protection
• board mounted
• EN 62109 approved
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency2
range
(Vdc)
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
AE10-EW-S5
100~1000
5
0
2.00
10
200
72
AE10-EW-S9
100~1000
9
0
1.11
10
200
76
AE10-EW-S24
100~1000
24
0
0.42
10
200
80
Notes:
1. Measured at nominal input, 20 MHz bandwidth oscilloscope, with 10 µF electrolytic and 1 µF ceramic capacitors on the output.
2. Measured at 200 Vdc input voltage, full load.
3. All specifications are measured at Ta=25°C, humidity < 75%, nominal input voltage, and rated output load unless otherwise specified.
PART NUMBER KEY
Base Number
AE10-EW - SXX
Output Voltage
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - AE10-EW

ManufacturerPart #DatasheetDescription
logo
CUI INC
AE10-EW CUI-AE10-EW Datasheet
739Kb / 7P
DC-DC CONVERTER
AE10-EW-DIN CUI-AE10-EW-DIN Datasheet
757Kb / 7P
DC-DC CONVERTER
AE10-EW-DIN CUI-AE10-EW-DIN Datasheet
2Mb / 7P
DC-DC CONVERTER
07/28/2021
AE10-EW-DIN CUI-AE10-EW-DIN_V01 Datasheet
2Mb / 7P
DC-DC CONVERTER
07/28/2021
AE10-EW-S24 CUI-AE10-EW-S24 Datasheet
739Kb / 7P
DC-DC CONVERTER
More results

Similar Description - AE10-EW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com