Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856441 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856441
Description  881.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856441 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856441 Datasheet HTML 1Page - TriQuint Semiconductor 856441 Datasheet HTML 2Page - TriQuint Semiconductor 856441 Datasheet HTML 3Page - TriQuint Semiconductor 856441 Datasheet HTML 4Page - TriQuint Semiconductor 856441 Datasheet HTML 5Page - TriQuint Semiconductor 856441 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
Part Number 856441
881.5 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
+25 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
881.5
-
MHz
Maximum Insertion Loss
869 - 894 MHz
-
1.2
1.5
dB
Amplitude Variation
869 - 894 MHz
-
0.4
1.2
dB p-p
Absolute Attenuation
10 - 824 MHz
824 - 842 MHz
842 - 849 MHz
914 - 970 MHz
970 - 2607 MHz
2607 - 2682 MHz
2682 - 4345 MHz
4345 - 4470 MHz
4470 - 6000 MHz
30
30
22
18
22
41
38
37
38
42
35
24
19.5
30
52
40
55
42
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
Output Amplitude Balance (|S31/S21|)
869 - 894 MHz
-1
0.7
1
dB
Output Phase Balance [Φ(S31)-ΦS21+180]
869 - 894 MHz
-10
7
10
degree
Input/Output VSWR
869 - 894 MHz
-
1.7
2.5
Source Impedance (4)
-
50
-
Ω
Load Impedance (Balanced) (4)
-
200||30nH
-
Ω
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Ω
Single-ended
Input
1,3,5
2
4
50
Ω
6
200
Ω
30nH
200
Ω
Balanced
Output
Subject to change or obsolescence without notice
Rev C
08-Dec-2004
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com