Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856441 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856441
Description  881.5 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856441 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856441 Datasheet HTML 1Page - TriQuint Semiconductor 856441 Datasheet HTML 2Page - TriQuint Semiconductor 856441 Datasheet HTML 3Page - TriQuint Semiconductor 856441 Datasheet HTML 4Page - TriQuint Semiconductor 856441 Datasheet HTML 5Page - TriQuint Semiconductor 856441 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
Part Number 856441
881.5 MHz SAW Filter
Features
• For GSM-850 applications
• Usable bandwidth of 25 MHz
• Compatible with leading chipset suppliers
• Ultra low loss
• Single-ended input, 50Ω
• Balanced output, 200Ω
• Chip Scale Package (CSP)
• Hermetic
Package
Pin Configuration
Surface Mount 1.50 x 1.50 x 0.76 mm
Bottom View
1
23
6
54
Pin No.
Description
2
Input
4,6
Output
1,3,5
Case ground
0.25
0.55
0.40
0.60
1.35
1.50
1.35
1.50
0.76 NOM.
0.84 MAX.
Dimensions shown are nominal in millimeters
All tolerances are
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar or Alloy 42, Au over Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Subject to change or obsolescence without notice
Rev C
08-Dec-2004
Page 1 of 6


Similar Part No. - 856441

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856440 TRIQUINT-856440_15 Datasheet
517Kb / 5P
1176 MHz SAW Filter
856444 TRIQUINT-856444_15 Datasheet
388Kb / 5P
125 MHz SAW Filter
856445 TRIQUINT-856445_15 Datasheet
546Kb / 5P
208 MHz SAW Filter
856447 TRIQUINT-856447_15 Datasheet
378Kb / 5P
170.6 MHz SAW Filter
More results

Similar Description - 856441

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855924 TRIQUINT-855924 Datasheet
441Kb / 5P
881.5 MHz SAW Filter
855728 TRIQUINT-855728 Datasheet
548Kb / 5P
881.5 MHz SAW Filter
855782 TRIQUINT-855782 Datasheet
379Kb / 5P
881.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF1183B RFM-SF1183B Datasheet
231Kb / 5P
881.5 MHz SAW Filter
logo
Integrated Technology F...
T88151B ITF-T88151B Datasheet
162Kb / 2P
881.5 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
Murata Manufacturing Co...
SF1183B MURATA-SF1183B Datasheet
171Kb / 5P
881.5 MHz SAW Filter
SF1183E_TD MURATA-SF1183E_TD Datasheet
697Kb / 5P
881.5 MHz SAW Filter
SF1183G MURATA-SF1183G Datasheet
326Kb / 5P
881.5 MHz SAW Filter
logo
TriQuint Semiconductor
855782 TRIQUINT-855782_15 Datasheet
558Kb / 5P
881.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0184A TAI-SAW-TA0184A Datasheet
780Kb / 6P
SAW Filter 881.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com