Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2AW Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # ES2AW
Description  RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

ES2AW Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  ES2AW Datasheet HTML 1Page - AiT Semiconductor Inc. ES2AW Datasheet HTML 2Page - AiT Semiconductor Inc. ES2AW Datasheet HTML 3Page - AiT Semiconductor Inc. ES2AW Datasheet HTML 4Page - AiT Semiconductor Inc. ES2AW Datasheet HTML 5Page - AiT Semiconductor Inc. ES2AW Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
ES2AW~ES2JW
RECTIFIER DIODE
REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
- JUN 2021 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The ES2AW~ES2JW are available in SOD-123FL
package
⚫
Easy pick and place
⚫
For surface mounted applications
⚫
Low profile package
⚫
Built-in strain relief
⚫
Superfast recovery times for high efficiency
⚫
Available in SOD-123FL package
ORDERING INFORMATION
MECHANICAL DATA
Package Type
Part Number
SOD-123FL
ES2AW
ES2BW
ES2CW
ES2DW
ES2EW
ES2GW
ES2JW
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products
Case: SOD-123FL
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 15mg / 0.00053oz
PIN DESCRIPTION


Similar Part No. - ES2AW

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES2AW CHENDA-ES2AW Datasheet
612Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AW YFWDIODE-ES2AW Datasheet
82Kb / 3P
Surface MountSuperfast Recovery Rectifier
logo
Xian Semipower Electron...
ES2AW SEMIPOWER-ES2AW Datasheet
133Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Zibo Seno Electronic En...
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
Shenzhen Yixinwei Techn...
ES2AW YIXIN-ES2AW Datasheet
261Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES2AW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
ES2A GOOD-ARK-ES2A_15 Datasheet
365Kb / 5P
Surface Mount Glass Passivated Superfast Rectifier Reverse Voltage 50 to 600V Forward Current 2A
logo
AiT Semiconductor Inc.
1N4001 AITSEMI-1N4001 Datasheet
292Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
1N4001WA AITSEMI-1N4001WA Datasheet
698Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
DRS1AF AITSEMI-DRS1AF Datasheet
579Kb / 5P
FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
ES1AF AITSEMI-ES1AF Datasheet
534Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
ES1AW AITSEMI-ES1AW Datasheet
309Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
ES2AA AITSEMI-ES2AA Datasheet
382Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
ES2ABF AITSEMI-ES2ABF Datasheet
621Kb / 6P
SUPERFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.1
ES2JW AITSEMI-ES2JW Datasheet
364Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
US2AB AITSEMI-US2AB Datasheet
244Kb / 5P
ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com