Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2652PSIP Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652PSIP
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652PSIP Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC2652PSIP Datasheet HTML 54Page - Texas Instruments CC2652PSIP Datasheet HTML 55Page - Texas Instruments CC2652PSIP Datasheet HTML 56Page - Texas Instruments CC2652PSIP Datasheet HTML 57Page - Texas Instruments CC2652PSIP Datasheet HTML 58Page - Texas Instruments CC2652PSIP Datasheet HTML 59Page - Texas Instruments CC2652PSIP Datasheet HTML 60Page - Texas Instruments CC2652PSIP Datasheet HTML 61Page - Texas Instruments CC2652PSIP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
11.6 Soldering and Reflow Condition
• Heating method: Conventional convection or IR convection
• Temperature measurement: Thermocouple d = 0.1 mm to 0.2 mm CA (K) or CC (T) at soldering portion or
equivalent method
• Solder paste composition: SAC305
• Allowable reflow soldering times: 2 times based on the reflow soldering profile (see Figure 11-1)
• Temperature profile: Reflow soldering will be done according to the temperature profile (see
Figure 11-1)
• Peak temperature: 260°C
Figure 11-1. Temperature Profile for Evaluation of Solder Heat Resistance of a Component (at Solder
Joint)
Table 11-1. Temperature Profile
Profile Elements
Convection or IR(1)
Peak temperature range
235 to 240°C typical (260°C maximum)
Pre-heat / soaking (150 to 200°C)
60 to 120 seconds
Time above melting point
60 to 90 seconds
Time with 5°C to peak
30 seconds maximum
Ramp up
< 3°C / second
Ramp down
< -6°C / second
(1)
For details, refer to the solder paste manufacturer's recommendation.
Note
TI does not recommend the use of conformal coating or similar material on the SimpleLink™ module.
This coating can lead to localized stress on the solder connections inside the module and impact
the module reliability. Use caution during the module assembly process to the final PCB to avoid the
presence of foreign material inside the module.
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
www.ti.com
58
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com