Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2652PSIP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652PSIP
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652PSIP Datasheet(HTML) 2 Page - Texas Instruments

  CC2652PSIP Datasheet HTML 1Page - Texas Instruments CC2652PSIP Datasheet HTML 2Page - Texas Instruments CC2652PSIP Datasheet HTML 3Page - Texas Instruments CC2652PSIP Datasheet HTML 4Page - Texas Instruments CC2652PSIP Datasheet HTML 5Page - Texas Instruments CC2652PSIP Datasheet HTML 6Page - Texas Instruments CC2652PSIP Datasheet HTML 7Page - Texas Instruments CC2652PSIP Datasheet HTML 8Page - Texas Instruments CC2652PSIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2 Applications
• 2400 to 2480 MHz ISM and SRD systems 1
• Building automation
– Building security systems – motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC – thermostat, wireless environmental
sensor, HVAC system controller, gateway
– Fire safety system – smoke and heat detector,
fire alarm control panel (FACP)
– Elevators and escalators – elevator main
control panel for elevators and escalators
• Industrial transport – asset tracking
• Factory automation and control
• Medical
• Communication equipment
– Wired networking – wireless LAN or Wi-Fi
access points, edge router , small business
router
• Personal electronics
– Portable electronics – RF smart remote control
– Home theater & entertainment – smart
speakers, smart display, set-top box
– Gaming – electronic and robotic toys
– Wearables (non-medical) – smart trackers,
smart clothing
3 Description
The SimpleLink™ CC2652PSIP is a System-in-Package (SiP) certified module, multiprotocol 2.4 GHz wireless
microcontroller (MCU) supporting Thread, Zigbee®, Bluetooth® 5.2 Low Energy, IEEE 802.15.4, IPv6-enabled
smart objects (6LoWPAN), proprietary systems, including the TI 15.4-Stack (2.4 GHz), and concurrent
multiprotocol through a Dynamic Multiprotocol Manager (DMM) driver. The device is optimized for low-power
wireless communication and advanced sensing in building security systems, HVAC, medical, wired networking,
portable electronics, home theater & entertainment, and connected peripherals markets. The highlighted
features of this device include:
• Small 7-mm x 7-mm certified system-in-package module 2.4GHz with integrated DCDC components, balun,
and crystal oscillators
• Wide flexibility of protocol stack support in the SimpleLink™ CC13xx and CC26xx Software Development Kit
(SDK).
• Coin-cell operation at +10 dBm with transmit current consumption of 33 mA.
• Longer battery life wireless applications with low standby current of 1 µA with full RAM retention.
• Industrial temperature ready with lowest standby current of 11 µA at 105 ⁰C.
• Advanced sensing with a programmable, autonomous ultra-low power Sensor Controller CPU with fast
wake-up capability. As an example, the sensor controller is capable of 1-Hz ADC sampling at 1 µA system
current.
• Low SER (Soft Error Rate) FIT (Failure-in-time) for long operation lifetime with no disruption for industrial
markets with always-on SRAM parity against corruption due to potential radiation events.
• Dedicated software controlled radio controller (Arm® Cortex®-M0) providing flexible low-power RF transceiver
capability to support multiple physical layers and RF standards.
• Excellent radio sensitivity and robustness (selectivity and blocking) performance for Bluetooth ® Low Energy
(-103 dBm for 125-kbps LE Coded PHY).
The CC2652PSIP device is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth Low
Energy, Thread, Zigbee, Sub-1 GHz MCUs, and host MCUs that all share a common, easy-to-use development
environment with a single core software development kit (SDK) and rich tool set. A one-time integration of the
SimpleLink™ platform enables you to add any combination of the portfolio’s devices into your design, allowing
100 percent code reuse when your design requirements change. For more information, visit SimpleLink™ MCU
platform.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
CC2652PSIPMOTR
QFM (73)
7.00 mm × 7.00 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package Option Addendum in Section
13, or see the TI website.
1 See RF Core for additional details on supported protocol standards, modulation formats, and data rates.
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com