Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049 Datasheet(PDF) 38 Page - Texas Instruments

Part # SWCS049
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049 Datasheet(HTML) 38 Page - Texas Instruments

Back Button SWCS049 Datasheet HTML 34Page - Texas Instruments SWCS049 Datasheet HTML 35Page - Texas Instruments SWCS049 Datasheet HTML 36Page - Texas Instruments SWCS049 Datasheet HTML 37Page - Texas Instruments SWCS049 Datasheet HTML 38Page - Texas Instruments SWCS049 Datasheet HTML 39Page - Texas Instruments SWCS049 Datasheet HTML 40Page - Texas Instruments SWCS049 Datasheet HTML 41Page - Texas Instruments SWCS049 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 144 page
background image
PWRON
VIO
INT1
NRESPWRON
PWRHOLD
PWRON_LP_IT=1
PWRON_IT=1
Switch-off
sequence
tdPWRONLPTO
tdPWRONLP
tdbPWRONF
SWCS049-006
PWRON_IT=1
PWRON
VIO
INT1
1.8 V
NRESPWRON
Interrupt acknowledge
PWRHOLD
PWRON_IT=1
CLK32KOUT
Interrupt acknowledge
Switch-off
sequence
t
tdbPWRONF
tdSONT
tdbPWRONF
tdONPWHOLD
Switch On sequence
SWCS049-005
PWRON_IT=1
dbPWRHOLDF
Internal pulse tdOINT1
38
TPS65911
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65911
Specifications
Copyright © 2010–2018, Texas Instruments Incorporated
Table 5-3. Switching Characteristics for Boot Sequence Example (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd1b
NRESPWON falling edge to
CLK32KOUT low delay
3 × tCK32k =
92
µs
tpd2
PWRHOLD falling edge to supplies
and reference disable delay
5 × tCK32k =
154
µs
5.21.3 Power Control Timing
5.21.3.1 Device State Control Through PWRON Signal
Figure 5-2 shows the device state control through PWRON signal.
A. The DEV_ON or AUTODEV_ON control bits can be used instead of the PWRHOLD signal to maintain supplies
on after a switch-on sequence.
B. The internal POWER ON enable condition pulse, tdOINT1, keeps device active until a PWRHOLD acknowledge.
C. Switch-off from PWRHOLD removal.
Figure 5-2. Device State Control Through PWRON Signal
Figure 5-3. PWRON Long-Press Turnoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com