Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049 Datasheet(PDF) 45 Page - Texas Instruments

Part # SWCS049
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049 Datasheet(HTML) 45 Page - Texas Instruments

Back Button SWCS049 Datasheet HTML 41Page - Texas Instruments SWCS049 Datasheet HTML 42Page - Texas Instruments SWCS049 Datasheet HTML 43Page - Texas Instruments SWCS049 Datasheet HTML 44Page - Texas Instruments SWCS049 Datasheet HTML 45Page - Texas Instruments SWCS049 Datasheet HTML 46Page - Texas Instruments SWCS049 Datasheet HTML 47Page - Texas Instruments SWCS049 Datasheet HTML 48Page - Texas Instruments SWCS049 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
45
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Detailed Description
Copyright © 2010–2018, Texas Instruments Incorporated
6
Detailed Description
6.1
Overview
The TPS65911 device is an integrated power management IC (PMIC) available in a 98-pin 0.65-mm pitch
BGA package. It is designed for applications powered by powered by one Li-Ion or Li-Ion polymer battery
cell, 3-series Ni-MH cells, or a 5-V input supply. It provides three step-down converters, one step-down
controller with external FETs to support high current rails, eight LDOs, nine GPIOs, and EERPOM-
programmable power sequencing to support a variety of processors and system sequencing requirements.
Two of the step-down converters, VDD1 and VDD2, provide power for processor cores and support
dynamic voltage scaling using I2C interface. VDD1 and VDD2 have an output voltage range of 0.6 V to
3.3V. The converters have a 12.5-mV step size from 0.6 V to 1.5 V, and a VGAIN_SEL option to multiply
this voltage by 2 or 3, with 3.3 V maximum output voltage. The third converter, VIO, provides power for I/O
and memory. VIO has four selectable voltage outputs, 1.5 V, 1.8 V, 2.5 V, and 3.3 V.
The device includes 8 general-purpose LDOs with an output voltage range from 1 V to 3.3 V. Three of the
LDOs (LDO1, LDO2, and LDO4) support 50-mV output voltage steps, and the remaining five LDOs
(LDO3, LDO5, LDO6, LDO7, and LDO8) support 100-mV output voltage steps. The LDO voltages and
other configuration are controlled by the I2C interface.
The power-up and power-down sequences are controlled by the embedded power controller and is pre-
programmed using EEPROM. The power-up and power-down sequences assign each output rail to a
sequence slot, and the delay time between slots is either 0.5 ms or 2 ms.
The device offers nine GPIOs. Four of the GPIOs (GPIO0, GPIO2, GPIO6, and GPIO7) can be configured
to enable external resources, and can be included in the power sequences. The device also includes
dedicated input and reset pins used to enable and disable the PMIC including PWRON, PWRHOLD,
HDRST, and PWRDN. The NRESPWRON pin is a dedicated power-on reset output for a processor
powered by the PMIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com