Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049 Datasheet(PDF) 125 Page - Texas Instruments

Part # SWCS049
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049 Datasheet(HTML) 125 Page - Texas Instruments

Back Button SWCS049 Datasheet HTML 121Page - Texas Instruments SWCS049 Datasheet HTML 122Page - Texas Instruments SWCS049 Datasheet HTML 123Page - Texas Instruments SWCS049 Datasheet HTML 124Page - Texas Instruments SWCS049 Datasheet HTML 125Page - Texas Instruments SWCS049 Datasheet HTML 126Page - Texas Instruments SWCS049 Datasheet HTML 127Page - Texas Instruments SWCS049 Datasheet HTML 128Page - Texas Instruments SWCS049 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 144 page
background image
2
TRAN(max)
OUT
IN
OUT
OVER
I
L
C
V
V
V
u
!
u
OUT max
DS(on)
TRIP
TRIP
8
I
R
R
I
u
u
OUT
IN
OUT
L max
IN
SW
OUT max
IND
V
V
V
I
V
f
I
K
u
u
u
u
125
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Applications, Implementation, and Layout
Copyright © 2010–2018, Texas Instruments Incorporated
(2)
Following Equation 1 and Equation 2, the preferred inductor for VDDCtrl is 2.7 µH, with a DCR of
approximately 20 mΩ.
7.2.2.2.2 Selecting the RTRIP Resistor
The TRIP pin is used to set the VDDCtrl current limit. The load current is sensed by measuring the voltage
over the low-side FET and comparing it to the voltage at the TRIP pin, VTRIP, with an 8:1 ratio. If the low-
side FET is greater than an eighth of VTRIP, the VDDCtrl rail shuts down.
The TRIP resistor then adjusts the range of the VDDCtrl load current monitoring. Use Equation 3 to
calculate the value of the TRIP resistor (RTRIP) for the application and selected external FETs.
where
•
IOUTmax is the maximum load current.
•
ITRIP is the current through the TRIP pin, estimated at 10 µA.
•
RDS(on) is the on resistance from the external FETs.
(3)
7.2.2.2.3 Selecting the Output Capacitors
Texas Instruments recommends using ceramic capacitors with low ESR values to provide the lowest
output voltage ripple. The output capacitor requires an X7R or an X5R dielectric. Y5V and Z5U dielectric
capacitors, aside from their wide variation in capacitance over temperature, become resistive at high
frequencies. At light load currents, the controller operates in PFM mode, and the output voltage ripple is
dependent on the output-capacitor value and the PFM peak inductor current. Higher output-capacitor
values minimize the voltage ripple in PFM mode. To achieve specified regulation performance and low
output voltage ripple, the DC-bias characteristic of ceramic capacitors must be considered. The effective
capacitance of ceramic capacitors drops with increasing DC bias voltage. TI recommends the use of small
ceramic capacitors placed between the inductor and load with many vias to the power-ground (PGND)
plane for the output capacitors of the controller. This solution typically provides the smallest and lowest
cost solution available for DCAP controllers. The selection of the output capacitor is typically driven by the
output transient response. Equation 4 provides a rough estimate of the minimum required capacitance to
make sure the transient response is correct.
where
•
ITRAN(max) is the maximum load current step.
•
L is the selected inductance.
•
VOUT is the minimum programmed output voltage.
•
VIN is the maximum input voltage.
•
VOVER is the maximum allowable overshoot from programmed voltage.
(4)
Because the transient response is affected significantly by the board layout, some experimentation is
expected to confirm that values derived in this section are applicable to any particular use case.
Equation 4 is not provided as an absolute requirement, but as a starting point. Alternatively, lists
recommended capacitor values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com