Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049 Datasheet(PDF) 141 Page - Texas Instruments

Part # SWCS049
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049 Datasheet(HTML) 141 Page - Texas Instruments

Back Button SWCS049 Datasheet HTML 136Page - Texas Instruments SWCS049 Datasheet HTML 137Page - Texas Instruments SWCS049 Datasheet HTML 138Page - Texas Instruments SWCS049 Datasheet HTML 139Page - Texas Instruments SWCS049 Datasheet HTML 140Page - Texas Instruments SWCS049 Datasheet HTML 141Page - Texas Instruments SWCS049 Datasheet HTML 142Page - Texas Instruments SWCS049 Datasheet HTML 143Page - Texas Instruments SWCS049 Datasheet HTML 144Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 141 / 144 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
NanoFree is a trademark of Texas Instruments.
PACKAGE OUTLINE
4225679/B 02/2020
www.ti.com
NFBGA - 1 mm max height
PLASTIC BALL GRID ARRAY
NMA0098A
A
0.08 C
0.15
C A B
0.05
C
B
SYMM
SYMM
6.1
5.9
9.1
8.9
BALL A1 CORNER
1 MAX
0.25
0.19
SEATING PLANE
C
1
2
3
4
5
6
7
8
A
B
C
D
E
F
G
H
J
K
L
M
N
98X Ø0.35
0.25
7.8
TYP
0.65 TYP
0.65 TYP
(0.6) TYP
(0.73) TYP
BALL A1 CORNER
4.55
TYP
BALL TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com