Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS16 Datasheet(PDF) 3 Page - CUI INC

Part # TS16
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS16 Datasheet(HTML) 3 Page - CUI INC

  TS16 Datasheet HTML 1Page - CUI INC TS16 Datasheet HTML 2Page - CUI INC TS16 Datasheet HTML 3Page - CUI INC TS16 Datasheet HTML 4Page - CUI INC TS16 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cuidevices.com
CUI Devices
│ SERIES: TS16 │ DESCRIPTION: TACTILE SWITCH
date 04/13/2022
│ page 3 of 5
260 max. ec m
230
180
150
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
350
°C
reflow soldering1
see reflow profile
260
°C
Notes:
1. Do not exceed 2 reflow cycles.
PACKAGING (7.5 HEIGHT MODEL)
Item
W
A0
B0
K0
P
DIM(mm) 24.0+0.30/-0.10 12.2+0.10/-0.10 15.5+0.10/-0.10
7.7+0.10/-0.10
16.0+0.10/-0.10
Item
F
E
D
D1
P0
DIM(mm)
11.5+0.10/-0.10 1.75+0.10/-0.10 1.50+0.10/-0.0
1.50+0.10/-0.0
4.0+0.10/-0.10
Item
P2
t
--
--
--
DIM(mm)
2.0+0.10/-0.10
0.4+0.05/-0.05
--
--
--
Packaging Table
Actuator
Height Models
(mm)
Reel QTY
Carton Size
(XxYxZ)
(mm)
Carton
QTY
7.5
500
340 x 430 x 340
7,000
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com