Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS16 Datasheet(PDF) 4 Page - CUI INC

Part # TS16
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS16 Datasheet(HTML) 4 Page - CUI INC

  TS16 Datasheet HTML 1Page - CUI INC TS16 Datasheet HTML 2Page - CUI INC TS16 Datasheet HTML 3Page - CUI INC TS16 Datasheet HTML 4Page - CUI INC TS16 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cuidevices.com
CUI Devices
│ SERIES: TS16 │ DESCRIPTION: TACTILE SWITCH
date 04/13/2022
│ page 4 of 5
PACKAGING (8.5 & 9.5 HEIGHT MODELS)
Item
W
A0
B0
K0
P
DIM(mm) 24.0+0.30/-0.30 12.3+0.10/-0.10 15.6+0.10/-0.10
9.5+0.10/-0.10
16.0+0.10/-0.10
Item
F
E
D
P0
P2
DIM(mm)
11.5+0.10/-0.10 1.75+0.10/-0.10 1.50+0.10/-0.0
4.0+0.10/-0.10
2.0+0.10/-0.10
Item
t
--
--
--
--
DIM(mm)
0.4+0.05/-0.05
--
--
--
--
Packaging Table
Actuator
Height Models
(mm)
Reel QTY
Carton Size
(XxYxZ)
(mm)
Carton
QTY
8.5~ 9.5
400
340 x 430 x 340
5,600
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com