Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # PIP
Description  POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIP Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  PIP Datasheet HTML 1Page - AiT Semiconductor Inc. PIP Datasheet HTML 2Page - AiT Semiconductor Inc. PIP Datasheet HTML 3Page - AiT Semiconductor Inc. PIP Datasheet HTML 4Page - AiT Semiconductor Inc. PIP Datasheet HTML 5Page - AiT Semiconductor Inc. PIP Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIP
●FEATURE
1. Low profile and Compact Size
2. Low DC resistance
3. Open magnetic circuit construction
●APPLICATION
1.
LCD panels, DC/DC Converters
2.
Digital camera, PDA
3.
Portable communication equipment
4.
Notebook, Server
PIP3015
PIP3020
PIP4032
PIP5020
PIP5045
PIP7030
PIP7050
PIP10040
PIP10050
●ORDERING INFORMATION
PIP3015
-1R0
T
PN
Inductance
M:±20%
K:±10%
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND PATTERNS(mm)
PIP3015
PIP3020
PIP4032
PIP5020
PIP5045
PIP7030
PIP7050
PIP10040
PIP10050


Similar Part No. - PIP

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PIP VIGO-PIP Datasheet
750Kb / 2P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
22/12/2021
logo
Bud Industries, Inc.
PIP-11760 BUD-PIP-11760 Datasheet
321Kb / 1P
NEMA Box Accessories
PIP-11763 BUD-PIP-11763 Datasheet
93Kb / 1P
PIP SERIES - PC 10% FIBERGLASS BOX
3-28-14
PIP-11763 BUD-PIP-11763 Datasheet
321Kb / 1P
NEMA Box Accessories
PIP-11763-C BUD-PIP-11763-C Datasheet
93Kb / 1P
PIP SERIES - PC 10% FIBERGLASS BOX
3-28-14
More results

Similar Description - PIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com