Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # PIP
Description  POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIP Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  PIP Datasheet HTML 1Page - AiT Semiconductor Inc. PIP Datasheet HTML 2Page - AiT Semiconductor Inc. PIP Datasheet HTML 3Page - AiT Semiconductor Inc. PIP Datasheet HTML 4Page - AiT Semiconductor Inc. PIP Datasheet HTML 5Page - AiT Semiconductor Inc. PIP Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIP
●SPECIFICATION
Dimension in mm
TYPE
A
B
C
E
G
F
PIP3015
3.7 Max
3.3 Max
1.5Max
3.60
1.00
3.50
PIP3020
3.7 Max
3.3 Max
2.1±0.30
3.60
1.00
3.50
PIP4032
4.5±0.30
4.0±0.30
3.2±0.30
4.70
1.30
4.10
PIP5020
5.8±0.30
5.2±0.30
2.0±0.30
6.00
1.30
5.30
PIP5045
5.8±0.30
5.2±0.30
4.5±0.30
6.00
1.30
5.30
PIP7030
7.8±0.30
7.0±0.30
3.5±0.40
8.00
2.10
7.20
PIP7050
7.8±0.30
7.0±0.30
5.0±0.50
8.00
2.10
7.20
PIP10040
10.0±0.30
9.0±0.30
4.0±0.50
10.20
2.10
9.20
PIP10050
10.0±0.30
9.0±0.30
5.4±0.50
10.20
2.10
9.20
Note1. Measurement frequency of Inductance value: at 100kHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC: at 25°C
Note3. IDC : This indicates the value of current when the inductances is 10% lower than its initial value at D.C.
superimposition at D.C. superimposition (TA=20°C)
Note4. Inductance tolerance: M: ±20% ; K: ±10%
Note5. Ordering Code: PIP5045, Main Inductance: 100(10uH), Tolerance: M (±20%)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com