Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V52T-E/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP6V52T-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52T-E/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP6V52T-E/MS Datasheet HTML 18Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 20Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 21Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 22Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 23Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
MCP6V51/2/4
DS20006136B-page 22
2018-2022 Microchip Technology Inc. and its subsidiaries
4.2
Other Functional Blocks
4.2.1
INPUT PROTECTION
The MCP6V5X op amps can be operated on a single
supply, voltage ranging from 4.5V to 45V, or in a split-
supply application (±2.25V to ±22.5V). The input
Common-Mode range extends below the negative rail,
VCML = VSS – 0.3V at +25°C, while maintaining high
CMRR (135 dB min. at 45 VDD). The upper range of the
input Common-Mode is limited to VCMH = VDD – 2.1V.
To ensure proper operation, these VCM limits, along
with any potential overvoltage/current conditions as
described in the following paragraphs, should be taken
into consideration.
4.2.1.1
Phase Reversal
The input circuitry of the MCP6V5X amplifiers is
designed to not exhibit phase reversal when the input
pins (VIN+, VIN-) exceed the supply voltages. Typically,
an amplifier is most susceptible to phase reversal when
operated in a unity gain buffer configuration, where the
input is prone to be driven beyond the specified
Common-Mode voltage range.
FIGURE 4-4:
No Phase Reversal.
Figure 4-4 shows an input voltage exceeding the supply
voltages by 0.5V for each rail. The output voltage
remains railed with no phase inversion while the input
is overdriven. For this particular example, the supply
voltage was kept lower in order to help visualize the
relationship between the input and output voltages
during an Overvoltage condition.
4.2.1.2
Input Voltage Limits
In order to prevent damage and/or improper operation
of these amplifiers, the surrounding circuit must limit
the voltage levels seen by the amplifier’s input pins to
within the specified limits (see
Section 1.1 “Absolute
Maximum Ratings†”). This input voltage limit
requirement is independent of the current limits
discussed later on.
Figure 4-5 illustrates the principle ESD protection
scheme used for the MCP6V5X amplifiers. Each input
is protected by a set of primary and secondary steering
diodes in addition to series resistance. Furthermore, a
set of anti-parallel diodes protect the input transistors
from seeing a large differential voltage. This structure
was chosen to protect the input transistors against
many (but not all) ESD and Overvoltage conditions,
while also minimizing the effects of additional input bias
currents (IBias) resulting from the leakage current of the
ESD devices. Note that this leakage current is
temperature-dependent and will dominate at higher
temperatures (see Figure 2-15).
FIGURE 4-5:
Simplified Analog Input ESD
Structures.
The input ESD diodes clamp the inputs when they try
to go more than one diode drop below VSS. They also
clamp any voltages well above VDD; their breakdown
voltage is high enough to allow normal operation, but
not low enough to protect against slow overvoltage
(beyond VDD) events. Very fast ESD events (that meet
the specification) are limited so that damage can
largely be prevented. The internal ESD protection
scheme is intended to protect the device during test,
assembly and manufacturing process. Note that the
internal protection is not intended to be used as
clamping or limiting devices for sustained in-circuit
operation. If such Overvoltage (i.e., exceeding the
supply rails by more than 0.5V) and/or Overcurrent
conditions (i.e., current flow at each input pin
exceeding 5 mA) are expected as part of the
application circuit, external protection devices may be
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com