Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V52T-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6V52T-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52T-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6V52T-E/MS Datasheet HTML 6Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 9Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 10Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MCP6V51/2/4
DS20006136B-page 10
2018-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Input Offset Voltage vs.
Common-Mode Voltage with VDD = 45V.
FIGURE 2-8:
CMRR.
FIGURE 2-9:
PSRR.
FIGURE 2-10:
DC Open-Loop Gain.
FIGURE 2-11:
CMRR and PSRR vs.
Ambient Temperature.
FIGURE 2-12:
DC Open-Loop Gain vs.
Ambient Temperature.
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-1
4
9
14
19
24
29
34
39
44
Common Mode Input Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = - 40°C
V
DD = 45V
Representative Part
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
1/CMRR (μV/V)
488 Samples
T
A = +25ºC
V
DD = 4.5V
V
DD = 45V
0%
5%
10%
15%
20%
25%
30%
35%
1/PSRR (μV/V)
488 Samples
T
A = +25ºC
0%
10%
20%
30%
40%
50%
60%
1/A
OL (μV/V)
474 Samples
T
A = +25ºC
V
DD = 45V
V
DD = 4.5V
110
120
130
140
150
160
-50
-25
0
255075
100
125
Ambient Temperature (°C)
PSRR
CMRR @ V
DD = 45V
@ V
DD = 4.5V
120
130
140
150
160
170
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD= 4.5V
V
DD= 45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com