Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC401 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ASFC401
Description  Voice Activated Sofa Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ASFC401 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ASFC401 Datasheet HTML 1Page - Analog Technologies, Inc. ASFC401 Datasheet HTML 2Page - Analog Technologies, Inc. ASFC401 Datasheet HTML 3Page - Analog Technologies, Inc. ASFC401 Datasheet HTML 4Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2019, Analog Technologies, Inc. All Rights Reserved. Updated on 10/31/2019
www.analogti.com
2
Analog Technologies
ASFC401
Voice Activated Sofa Controller
SPECIFICATION
Maximum Load Current: 10A@240VAC
Operating Temperature Range:
−10°C ~ 80°C
The pin connections are shown in Figure 5.
1—VCC; 2—BLACK-down; 3—YELLOW-up; Steel Casing—GND;
Figure 4. The pin Connections on the Connector
CAMMAND TABLE
Voice
Command
Function
Description
Hey
Command prefix
This command is the prefix word for all the commands.
Upon receiving this command, controller gives an 8 second time window to receive
the next command for chair positions.
Yeah
"Yes", commands
confirmation
The user confirms that the command given to the controller is correct.
Up
Order chair to
Stand-up position
This command allows the chair to change to the Standup position.
Down
Order chair to
Sit-Down position
This command allows the chair to change to the Sit-Down position.
Lie
Order chair to
Lay-Down position
This command allows the chair to change to the Lay-Down position.
To lock
Order the chair to lock
on the current position
Disable the controller from receiving any more command.
Open
Unlock control
Enable the controller to receive new command.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com