Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFC401 Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ASFC401
Description  Voice Activated Sofa Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ASFC401 Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ASFC401 Datasheet HTML 1Page - Analog Technologies, Inc. ASFC401 Datasheet HTML 2Page - Analog Technologies, Inc. ASFC401 Datasheet HTML 3Page - Analog Technologies, Inc. ASFC401 Datasheet HTML 4Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2019, Analog Technologies, Inc. All Rights Reserved. Updated on 10/31/2019
www.analogti.com
1
Analog Technologies
ASFC401
Voice Activated Sofa Controller
Figure 1. Physical Photo of ASFC401
Figure 2. Physical Photo of AC/DC Adapter
FEATURES
Speaker independent voice recognition
Full voice control
Automatic position locking
APPLICATIONS
Control lift chair by voice.
DESCRIPTION
This controller, ASFC401, as shown in Figure 1, is designed to control lift chair’s position by using voice only. The controller
features: high audio sensitivity, humanized control commands, and automatic chair position locking. The controller is powered
by an AC/DC adapter as shown in Figure 2. There are 7 voice commands that the controller can recognize: Lift chair’s stand-up
position, sit-down position, and lay-down position can be controlled with voice; audible indication; simple dialogue; automatic
locking function and so on.
The controller consists of CPU, sound system, microphone, loudspeaker, drive, and 5V power supply. See Figure 3.
Warning: When entering operable status, please try to place the controller in a low noise environment.
Figure 3. ASFC401 Block Diagram
Microphone
Voice
Recognition Unit
Loudspeaker
Relay Unit
Lift Chair
5V Power Supply
CPU


Similar Part No. - ASFC401

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASFC ALSC-ASFC Datasheet
1Mb / 42P
Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
Rev.1.0 July 2023
logo
Abracon Corporation
ASFC10.7M ABRACON-ASFC10.7M Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MA ABRACON-ASFC10.7MA Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MA19 ABRACON-ASFC10.7MA19 Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MC40 ABRACON-ASFC10.7MC40 Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
More results

Similar Description - ASFC401

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
tiny-controller-based voice synthesizer IC
logo
Winbond
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
VOICE/ MELODY / LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
VOICE/MELODY/LCD CONTROLLER
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
VOICE & MELODY CONTROLLER
W536030T WINBOND-W536030T Datasheet
702Kb / 16P
VOICE/MELODY/LCD CONTROLLER
logo
Hitachi Semiconductor
HA16671MP HITACHI-HA16671MP Datasheet
297Kb / 12P
Voice Coil Motor (VCM) Servo Controller
logo
LSI Computer Systems
LS7217 LSI-LS7217 Datasheet
177Kb / 3P
PROGRAMMABLE LIGHT-ACTIVATED TIMER
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Texas Instruments
TLV320ADC3100 TI1-TLV320ADC3100 Datasheet
2Mb / 98P
Low-Power Stereo ADC for Voice-Activated Systems and Portable Audio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com