Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API820G Datasheet (PDF) - Aplus Intergrated Circuits

API820G Datasheet PDF - Aplus Intergrated Circuits
Part # API820G
Download  API820G Download
File Size   584.03 Kbytes
Page   5 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description tiny-controller-based voice synthesizer IC

API820G Datasheet (PDF)

Go To PDF Page Download Datasheet
API820G Datasheet PDF - Aplus Intergrated Circuits

Part # API820G
Download  API820G Click to download

File Size   584.03 Kbytes
Page   5 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description tiny-controller-based voice synthesizer IC

API820G Datasheet (HTML) - Aplus Intergrated Circuits


API820G Product details

GENERAL DESCRIPTION
API820G is a tiny-controller-based voice synthesizer IC which contains all the function of API820G series and has an OTP (One Time Programmable) ROM inside.

FEATURES
• API820G – ROM : 64k x 10 bits (21 sec@6K sample rate).
• Single power supply 2.4V ~ 5.5V.
• Port1 and Port2 with wake-up function.
• Power down mode for saving power consumption.
• Single ROM for voice and program data.
• Readable ROM code data.
• One 6-bit timer overflow control.
• Two stacks for subroutine calling.
• Fixed current D/A to drive external connected transistor for audio output.
• Multiple playing sppeeds in 2KHz ~ 32KHz for voice playback.
• 5-bit ASPCM synthesizer.
• Multiple levels of volume control.
• Multiple playing sppeeds in 2KHz ~ 32KHz for voice playback.




Similar Part No. - API820G

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8208 APLUS-API8208 Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208G APLUS-API8208G Datasheet
42Kb / 2P
OTP VOICE SERIES
API8208G-8 APLUS-API8208G-8 Datasheet
42Kb / 2P
OTP VOICE SERIES
More results


Similar Description - API820G

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API860G APLUS-API860G Datasheet
481Kb / 5P
single chip high quality voice synthesizer IC
logo
ELAN Microelectronics C...
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
TINY CONTROLLER-BASED SYNTHESIZER
EM56000A EMC-EM56000A Datasheet
202Kb / 13P
TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
TINY CONTROLLER-BASED SOUND PROCESSOR
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
ELAN Microelectronics C...
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
TINY CONTROLLER-BASED SYNTHESIZER
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
VOICE SYNTHESIZER
July 1986
logo
ELAN Microelectronics C...
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com