Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API820G Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # API820G
Description  tiny-controller-based voice synthesizer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API820G Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  API820G Datasheet HTML 1Page - Aplus Intergrated Circuits API820G Datasheet HTML 2Page - Aplus Intergrated Circuits API820G Datasheet HTML 3Page - Aplus Intergrated Circuits API820G Datasheet HTML 4Page - Aplus Intergrated Circuits API820G Datasheet HTML 5Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PIN DESCRIPTIONS
Pin NO.
I/O
Symbol
Function
1
I
P1.2/OEB/Mode option
Bit 2 of Port 1 / Program control signal
2
I
P1.1/PGMB/Mode option
Bit 1 of Port 1 / Program control signal
3
I
P1.0
Bit 0 of Port 1
4
I
VSS
Negative power supply.
5
I
OSC/ACLK
Oscillation component connection pin /
Program control signal
6
I
TEST/Vpp
Test/Programing.
7
O
VO2
Voice output.
8
VO1
No connect
9
I
VDD
Positive power supply.
10
I/O
P3.3
Bit 3 of Port 3.
11
I/O
P3.2
Bit 2 of Port 3.
12
I/O
P3.1
Bit 1 of Port 3.
13
I/O
P3.0
Bit 0 of Port 3.
14
I/O
P2.3
Bit 3 of Port 2.
15
I/O
P2.2
Bit 2 of Port 2.
16
I/O
P2.1/Dout
Bit 1 of Port 2 / Program data output signal
17
I/O
P2.0/Din
Bit 0 of Port 2 / Program data input signal
18
I/O
P1.3/Din.out.clk/Mode option
Bit 3 of Port 1 / Program control signal
GENERAL DESCRIPTION
API820G is a tiny-controller-based voice synthesizer IC which contains all the function of API820G series
and has an OTP (One Time Programmable) ROM inside.
FEATURES
• API820G – ROM : 64k x 10 bits (21 sec@6K sample rate).
• Single power supply 2.4V ~ 5.5V.
• Port1 and Port2 with wake-up function.
• Power down mode for saving power consumption.
• Single ROM for voice and program data.
• Readable ROM code data.
• One 6-bit timer overflow control.
• Two stacks for subroutine calling.
• Fixed current D/A to drive external connected transistor for audio output.
• 5-bit ASPCM synthesizer.
• Multiple levels of volume control.
• Multiple playing sppeeds in 2KHz ~ 32KHz for voice playback.
1
API 820G
• Multiple playing sppeeds in 2KHz ~ 32KHz for voice playback.


Similar Part No. - API820G

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8208 APLUS-API8208 Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208G APLUS-API8208G Datasheet
42Kb / 2P
OTP VOICE SERIES
API8208G-8 APLUS-API8208G-8 Datasheet
42Kb / 2P
OTP VOICE SERIES
More results

Similar Description - API820G

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API860G APLUS-API860G Datasheet
481Kb / 5P
single chip high quality voice synthesizer IC
logo
ELAN Microelectronics C...
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
TINY CONTROLLER-BASED SYNTHESIZER
EM56000A EMC-EM56000A Datasheet
202Kb / 13P
TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
TINY CONTROLLER-BASED SOUND PROCESSOR
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
ELAN Microelectronics C...
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
TINY CONTROLLER-BASED SYNTHESIZER
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
VOICE SYNTHESIZER
July 1986
logo
ELAN Microelectronics C...
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com