Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM57P300 Datasheet (PDF) - ELAN Microelectronics Corp

EM57P300 Datasheet PDF - ELAN Microelectronics Corp
Part # EM57P300
Download  EM57P300 Download
File Size   155.52 Kbytes
Page   8 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TINY CONTROLLER-BASED SOUND PROCESSOR

EM57P300 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM57P300 Datasheet PDF - ELAN Microelectronics Corp

Part # EM57P300
Download  EM57P300 Click to download

File Size   155.52 Kbytes
Page   8 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TINY CONTROLLER-BASED SOUND PROCESSOR

EM57P300 Datasheet (HTML) - ELAN Microelectronics Corp


EM57P300 Product details

GENERAL DESCRIPTION

EM57P300 is a tiny-controlled-based voice/dual tone melody/dual tone sound effect Ics which contain all the function of EM57000 series and has an OTP (One Time Programmable) ROM inside.



FEATURES

• EM57P300 – ROM : 64k x 10 bits (21 sec@6K sample rate).

• Working Voltage 2.4V ~ 5.1V.

• One 4-bit input port, two 4-bit I/O ports, and 32x4 bits RAM.

• 8k (maximum) program ROM.

• One 6-bit timer overflow control.

• ASPCM synthesizer and dual tone melody/sound effect generator.

• 4k~32k Hz playing speed for voice play-back.

• Multiple tempos for dual tone melody/sound effect play-back.

• Variable beats for dual tone melody/sound effect play-back.

• Multiple levels of volume control.

• Fixed current D/A output to drive external connected transistor for voice output.




Similar Part No. - EM57P300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
EM57001 ETC-EM57001 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
EM57100 ETC-EM57100 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
EM57200 ETC-EM57200 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
logo
EUROQUARTZ limited
EM572KHZ EUROQUARTZ-EM572KHZ Datasheet
136Kb / 1P
7 x 5 x 2.3mm SMD, kHz Range
More results


Similar Description - EM57P300

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
TINY CONTROLLER-BASED SYNTHESIZER
EM56000A EMC-EM56000A Datasheet
202Kb / 13P
TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
EM58P300 EMC-EM58P300 Datasheet
39Kb / 4P
TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
logo
ELAN Microelectronics C...
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
TINY CONTROLLER-BASED SYNTHESIZER
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
logo
AAEON Technology
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
Fanless Tiny Embedded Controller With Intel Atom??Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com