Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM58P300 Datasheet (PDF) - ELAN Microelectronics Corp

EM58P300 Datasheet PDF - ELAN Microelectronics Corp
Part # EM58P300
Download  EM58P300 Download
File Size   39.81 Kbytes
Page   4 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR

EM58P300 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM58P300 Datasheet PDF - ELAN Microelectronics Corp

Part # EM58P300
Download  EM58P300 Click to download

File Size   39.81 Kbytes
Page   4 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR

EM58P300 Datasheet (HTML) - ELAN Microelectronics Corp


EM58P300 Product details

GENERAL DESCRIPTION
EM58P300 is a tiny-controller-based voice synthesizer/dual tone melody/dual tone sound effect IC which contains all the function of EM58000 series and has an OTP (One Time Programmable) ROM inside.

FEATURES
• EM58P300 – ROM : 64k x 10 bits (21 sec@6K sample rate).
• Single power supply 2.4V ~ 5.5V.
• Port1 and Port2 with wake-up function, Port3.2 with programmable IR (38KHz carry) communication function.
• Power down mode for saving power consumption.
• Single ROM for voice, melody, sound effect and program data.
• Readable ROM code data.
• One 6-bit timer overflow control.
• Two stacks for subroutine calling.
• Dual channel output simultaneously : (voice + voice), (voice + dual tone melody) or (voice + dual tone sound effect).
• 5-bit ASPCM synthesizer.
• Dual tone melody/sound effect generator with programmable envelope.
• Multiple playing sppeeds in 2KHz ~ 32KHz for voice playback.
• Multiple tempos and variable beats for dual tone melody/sound effect play-back.
• Multiple levels of volume control.
• Fixed current D/A to drive external connected transistor for audio output.




Similar Part No. - EM58P300

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5810 EXCELLIANCE-EM5810 Datasheet
367Kb / 10P
10A 5V/12V Step-Down Converter
EM5810A EXCELLIANCE-EM5810A Datasheet
367Kb / 10P
10A 5V/12V Step-Down Converter
EM5810AGE EXCELLIANCE-EM5810AGE Datasheet
367Kb / 10P
10A 5V/12V Step-Down Converter
EM5810GE EXCELLIANCE-EM5810GE Datasheet
367Kb / 10P
10A 5V/12V Step-Down Converter
EM5812 EXCELLIANCE-EM5812 Datasheet
365Kb / 10P
12A 5V/12V Step-Down Converter
More results


Similar Description - EM58P300

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
TINY CONTROLLER-BASED SYNTHESIZER
EM56000A EMC-EM56000A Datasheet
202Kb / 13P
TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
TINY CONTROLLER-BASED SOUND PROCESSOR
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
TINY CONTROLLER-BASED SOUND PROCESSOR
logo
ELAN Microelectronics C...
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
TINY CONTROLLER-BASED SYNTHESIZER
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
logo
AAEON Technology
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
Fanless Tiny Embedded Controller With Intel Atom??Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com