Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API820G Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # API820G
Description  tiny-controller-based voice synthesizer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API820G Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  API820G Datasheet HTML 1Page - Aplus Intergrated Circuits API820G Datasheet HTML 2Page - Aplus Intergrated Circuits API820G Datasheet HTML 3Page - Aplus Intergrated Circuits API820G Datasheet HTML 4Page - Aplus Intergrated Circuits API820G Datasheet HTML 5Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TIMING PARAMETER
Symbol
Parameter
Min.
Max.
Unit
Trs
Level set up time
2
us
Tmcs
Mode code setup time
2
us
Tdsu
Data set up time
100
ns
Tdsh
Data hold time
100
ns
Tas
ACLK to byte select time
2
us
Tacpw
Address clock pulse width
2
us
Tppw
Program pulse width
100
us
Tps
Programming mode set up time
4
us
Toed
Output enable setup time
300
ns
Note : Segment ROM S1, S0 is programed just while 5 LSBs of ADDR are all 0.
Programming for security mode :
When programming in security mode, the waveform is just like above. The programming data is as below :
B11 ~ B1
B0
User defined
Security bit
Note : When security = 0, enable security;
When security = 1, disable security.
PROGRAMMING MODE
Mode
P13
P12
P11
Regular
0
0
0
Security
0
0
1
PIN ASSIGNMENT
API 820G
18 pin DIP
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
P1.2
P1.1
P1.0
GND
OSC
VPP
VO2
VO1
VDD
P1.3
P2.0
P2.1
P2.2
P2.3
P3.0
P3.1
P3.2
P3.3
API 820G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com