Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API820G Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # API820G
Description  tiny-controller-based voice synthesizer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API820G Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  API820G Datasheet HTML 1Page - Aplus Intergrated Circuits API820G Datasheet HTML 2Page - Aplus Intergrated Circuits API820G Datasheet HTML 3Page - Aplus Intergrated Circuits API820G Datasheet HTML 4Page - Aplus Intergrated Circuits API820G Datasheet HTML 5Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC PROGRAMMING CHARACTERISTICS (V
DD
= 5V+0.5v, V
PP
= 12.5V+0.5v)
Items
Sym.
Min.
Max.
Unit
Test Conditions
Input high voltage
V
IH
2.2
V
DD+1.0
V
Input low voltage
V
IL
-0.3
0.8
V
Input current
I
IN
-10
µA
V
DD=5V, VIN=0~VDD
Output high voltage
V
OH
2.4
-
V
I
OH =400µA
Output low volatge
V
OL
-
0.4
V
I
OL
=2.1mA
VDD supply current
I
DD
-
100
mA
V
DD
=5V
VPP supply current
I
PP
-50
mA
V
PP=12.5V
ELECTRICAL CHARACTERISTICS (V
DD = 3V,25
oC unless otherwise specified)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
Operating voltage
V
DD
2.4
3.0
5.5
V
Standby current
I
DDS
-
-
1.0
µA
V
DD
=3V
Operating current
I
DDO
-
-
250
µA
V
DD
=3V, No load
Drive current of P2,P3
I
OD
2.0
3.0
-
mA
V
DD=3V, VO=2.4V
Sink current of P3
I
OS
2.3
3.5
-
mA
V
DD=3V, VO=0.4V
Sink current of P2 (after KEYB)
I
OS1
2.3
3.5
-
mA
V
DD=3V, VO=0.4V
Sink current of P2
I
OS2
-
3.0
10
µA
V
DD=3V, VO=0.4V
(before KEYB)
Input current of P1
I
IH
-
3.0
10
µA
V
DD=3V
Output current of VO1, VO2
I
VO
4.0
5.0
6.0
mA
V
DD
=3V, V
O
=0.7V,
two channel full scale output
Oscillation resistor
Rosc
-
100
-
K
Ω
V
DD
=2.4V ~ 5.5V
Oscillator frequency
F
osc
0.9
1.0
1.1
MHz
V
DD=2.4V ~ 5.5V
Oscillator frequency deviation
∆Fosc/
F
osc
-10
-
10
%
V
DD=2.4V ~ 5.5V
ABSOLUTE MAXIMUM RATINGS
Items
Sym.
Min.
Max.
Unit
Supply Voltage
V
DD-VSS
-0.3
6.0
V
Input Voltage
V
IN
V
SS
-0.3
V
DD
+0.3
V
Operating Temperature
T
OP
070
o C
Storage Temperature
T
STG
-55
+125
o C
3
API 820G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com