Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SCO2V01S Datasheet(PDF) 2 Page - Schneider Electric

Part # 8536SCO2V01S
Description  NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 24 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SCO2V01S Datasheet(HTML) 2 Page - Schneider Electric

  8536SCO2V01S Datasheet HTML 1Page - Schneider Electric 8536SCO2V01S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSA
NEMA
Ordering and shipping details
Category
21192-8502,36 SC,SD(NOT S*R,T,W)
Discount Schedule
CP1
GTIN
785901899754
Nbr. of units in pkg.
1
Package weight(Lbs)
5.00 lb(US) (2.268 kg)
Returnability
No
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
6.81 in (17.3 cm)
Package 1 width
3.50 in (8.9 cm)
Package 1 Length
4.21 in (10.7 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Not compliant
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
PVC free
Yes
Contractual warranty
Warranty
18 months
2
Jul 21, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com