Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SCO2V01S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8536SCO2V01S
Description  NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 24 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SCO2V01S Datasheet(HTML) 1 Page - Schneider Electric

  8536SCO2V01S Datasheet HTML 1Page - Schneider Electric 8536SCO2V01S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Motor Starter, Type S,
nonreversing, Size 1P, 36A, 5 HP
at 230 VAC, 5 kA SCCR, 1 phase,
2 pole, melting alloy, 24 VAC coil,
open
8536SCO2V01S
Product availability : Stock - Normally stocked in distribution
facility
Price* : 662.00 USD
Main
Product Type
Motor starter
Product Range
S
Starter Type
Non reversing
Complementary
NEMA Size
1P
Rated Current
36 A
Number of Poles
2P
Maximum Voltage Rating
600 V AC
Phase
1 phase
Type of Overload
Melting alloy 2
Horsepower Rating
5 HP 230 V AC
3 HP 115 V AC
SCCR
Circuit-breaker: 5 kA at 600 V AC
Fuse: 5 kA at 600 V AC
Coil Voltage
24 V AC 60 Hz
Control Circuit Type
Separate control circuit
Control Units
No control units
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Terminal Type
Screw clamp terminals
Height
6.81 in (172.96 mm)
Width
3.50 in (88.90 mm)
Depth
4.22 in (107.19 mm)
Environment
Enclosure Type
Not rated (open device)
Certifications
UL Listed
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 21, 2022
1


Similar Part No. - 8536SCO2V01S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SCO2V02S SCHNEIDER-8536SCO2V02S Datasheet
146Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 120 VAC coil, open
Jul 4, 2022
8536SCO2V03 SCHNEIDER-8536SCO2V03 Datasheet
146Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, open
Jun 30, 2022
8536SCO2V03S SCHNEIDER-8536SCO2V03S Datasheet
69Kb / 3P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, open
Feb 15, 2024
8536SCO2V08 SCHNEIDER-8536SCO2V08 Datasheet
145Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 208 VAC coil, open
Jul 13, 2022
More results

Similar Description - 8536SCO2V01S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SCO2V03 SCHNEIDER-8536SCO2V03 Datasheet
146Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, open
Jun 30, 2022
8536SCG2V02S SCHNEIDER-8536SCG2V02S Datasheet
134Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 4, 2022
8536SCG2V03 SCHNEIDER-8536SCG2V03 Datasheet
134Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil,NEMA 1
Jul 4, 2022
8536SCO2V02S SCHNEIDER-8536SCO2V02S Datasheet
146Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 120 VAC coil, open
Jul 4, 2022
8536SCO2V08 SCHNEIDER-8536SCO2V08 Datasheet
145Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 208 VAC coil, open
Jul 13, 2022
8536SCG2V03A SCHNEIDER-8536SCG2V03A Datasheet
127Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, NEMA 1
Jul 20, 2022
8536SCG2V03C SCHNEIDER-8536SCG2V03C Datasheet
139Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, NEMA 1
Jul 21, 2022
8536SCH2V03 SCHNEIDER-8536SCH2V03 Datasheet
124Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 240 VAC coil, NEMA 3R
Jul 20, 2022
8536SCW12V02S SCHNEIDER-8536SCW12V02S Datasheet
151Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 120 VAC coil, NEMA 4/4X
Aug 3, 2022
8536SCW12V08 SCHNEIDER-8536SCW12V08 Datasheet
151Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1P, 36A, 5 HP at 230 VAC, 5 kA SCCR, 1 phase, 2 pole, melting alloy, 208 VAC coil, NEMA 4/4X
Aug 3, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com