Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8312 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8312
Description  100 MHz-2.7 GHz, 45 dB RF Log Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8312 Datasheet HTML 5Page - Analog Devices AD8312 Datasheet HTML 6Page - Analog Devices AD8312 Datasheet HTML 7Page - Analog Devices AD8312 Datasheet HTML 8Page - Analog Devices AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Preliminary Technical Data
AD8312
Rev. PrA| Page 13 of 13
OUTLINE DIMENSIONS
Figure 29. Wafer-level Chip Scale Package
Dimensions shown in mm
ORDERING GUIDE
AD8312 Products
Temperature
Package
Package Description
Package
Outline
Branding
Information
Ordering
Quantity
AD8312ACPZ-REEL71
–40°C to +85°C
6-Lead Wafer-level Chip Scale Package,
7” Tape and Reel
CB-6
Q00
tbd
AD8312ACPZ-WP
–40°C to +85°C
6-Lead WLCSP, Waffle Pack
CB-6
Q00
tbd
AD8312-EVAL
Evaluation Board
1Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com