Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJD2152P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTJD2152P
Description  Trench Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD2152P Datasheet(HTML) 2 Page - ON Semiconductor

  NTJD2152P Datasheet HTML 1Page - ON Semiconductor NTJD2152P Datasheet HTML 2Page - ON Semiconductor NTJD2152P Datasheet HTML 3Page - ON Semiconductor NTJD2152P Datasheet HTML 4Page - ON Semiconductor NTJD2152P Datasheet HTML 5Page - ON Semiconductor NTJD2152P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTJD2152P
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−8.0
−10.5
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
−6.0
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = −6.4 V
1.0
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
10
mA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.45
−0.83
−1.0
V
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
2.2
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −0.57 A
0.22
0.3
W
()
VGS = −2.5 V, ID = −0.48 A
0.32
0.46
VGS = −1.8 V, ID = −0.20 A
0.51
0.9
Forward Transconductance
gFS
VGS = −4.0 V, ID = −0.57 A
2.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
V
80 V
160
225
pF
Output Capacitance
COSS
VDS = −8.0 V
38
55
Reverse Transfer Capacitance
CRSS
28
40
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −5.0 V,
I
06 A
2.2
4.0
nC
Threshold Gate Charge
QG(TH)
ID = −0.6 A
0.1
Gate−to−Source Charge
QGS
0.5
Gate−to−Drain Charge
QGD
0.5
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −4.0 V,
I
05 A R
80
W
13
ns
Rise Time
tr
ID = −0.5 A, RG = 8.0 W
23
Turn−Off Delay Time
td(OFF)
50
Fall Time
tf
36
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
I
023 A
TJ = 25°C
0.76
1.1
V
IS = −0.23 A
TJ = 125°C
0.63
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = −0.77 A
78
ns
2. Pulse Test: pulse width
≤ 300ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com