Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJD2152P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTJD2152P
Description  Trench Small Signal MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD2152P Datasheet(HTML) 3 Page - ON Semiconductor

  NTJD2152P Datasheet HTML 1Page - ON Semiconductor NTJD2152P Datasheet HTML 2Page - ON Semiconductor NTJD2152P Datasheet HTML 3Page - ON Semiconductor NTJD2152P Datasheet HTML 4Page - ON Semiconductor NTJD2152P Datasheet HTML 5Page - ON Semiconductor NTJD2152P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTJD2152P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
1.4
1
6
2
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.6
0.2
0
Figure 1. On−Region Characteristics
0.4
1.4
2
1.2
2.4
1
0.6
0.2
0.8
0
0
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.1
0.4
1
0.3
0.2
0
Figure 3. On−Resistance vs. Drain Current and
Temperature
−ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance vs. Drain Current and
Temperature
−50
0
−25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.5
0.2
0.6
TJ = −55°C
TJ = 125°C
75
150
ID = −0.7 A
VGS = −4.5 V
and −2.5 V
4
25
°C
1.6
−1.2 V
0
1.4
Figure 6. Capacitance Variation
−1.4 V
−1.6 V
−1.8 V
8
−2 V
VDS ≥ −10 V
0.4
VGS = −2.2 V
VGS = −4.5 V to −2.6 V
0.4
0.8
1.2
1.2
0.8
0.4
1.6
TJ = 125°C
1.2
0.8
VGS = −4.5 V
TJ = −55°C
TJ = 25°C
0.1
0.4
1
0.3
0.2
0
−ID, DRAIN CURRENT (AMPS)
0.5
0.2
0.6
TJ = 125°C
0
1.4
0.4
1.2
0.8
VGS = −2.5 V
TJ = −55°C
TJ = 25°C
VGS = 0 V
−4
−8
300
180
120
60
0
GATE−TO−SOURCE OR DRAIN−TO−SOURCE
VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
240
−6
0
−2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com