Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C18209G2ABM Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # C18209G2ABM
Description  C18 SERIES ASSEMBLY OPTIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

C18209G2ABM Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  C18209G2ABM Datasheet HTML 1Page - Molex Electronics Ltd. C18209G2ABM Datasheet HTML 2Page - Molex Electronics Ltd. C18209G2ABM Datasheet HTML 3Page - Molex Electronics Ltd. C18209G2ABM Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
C18 SERIES ASSEMBLY OPTIONS
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
1210230229
PSD 000
A1
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE 1210230229 PDP
GENERAL MARKET
1 OF 2
DIMENSION UNITS
SCALE
mm
2:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.1
1 PLACE
±
0.2
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 707042
DRWN:
APAWLAK01
2022/05/17
CHK'D: RSILLER
2022/05/19
APPR:
RSILLER
2022/05/19
INITIAL REVISION:
DRWN:
SSM
2019/01/09
APPR:
RSILLER
2019/01/15
THIRD ANGLE PROJECTION
DRAWING
SERIES
A3-SIZE 121023
SYMBOLS
= 0
= 0
= 0
= 0
= 0
= 0
= 0
= 0
= 0
FORMAT: tb-prod-A3
REVISION: H
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2022/05/19
08:31:01
C
EARTH POSITION
H12 SHOWN
SCALE
1:1
SCALE
1:1
18.0 ±0.1
�42�
4
1
3
2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
PROFILED GASKET
FLAT GASKET
SCREW M3x29
A
A
SECTION
A-A
◻28
�1.8�
�1.8�
�5.2�
M3
�30�
�29�
M3
◻29.5
SCREW M3x30 + WASHER
ITEM DESCRIPTION
QTY.
1
SCREW
1
2
COVER ASSEMBLY 1
3
INSERT ASSEMBLY 1
4
GASKET
1
BOM
�◻28�
INTEGRATED GASKET
TECHNICAL SPECIFICATION :
MAX. CURRENT : 16.0A
INSULATION RESISTANCE : 100Megaohms min.
MAX. CONDUCTOR : 1.50mm
2/16AWG
MAX. VOLTAGE : 250V
CONTACT RESISTANCE : ≤15milliohms max.
CABLE DIAMETER RANGE :
PG6-M16
: 6.00-8.00mm
PG11 - G1/2"-M20 : 8.00-10.0mm
OPERATING TEMPERTURE WITH:
NITRILE RUBBER(NBR) GASKET : -40°C TO +90°
C
SILICONE : -40°
C TO +125°
C
ENVIRONMENTAL : IP65
(IP67 AVAIABLE ON REQUEST)
NOTES :
1. PLEASE SEE PDP 1210230229 FOR CURRENTLY CONFIGURED PART NUMBERS.
2. FOR PACKAGING SEE PACKAGING SPEC PK-121023-C18
3. PRODUCT SPEC : SEE PS-121201-001


Similar Part No. - C18209G2ABM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C18209G2 MOLEX-C18209G2 Datasheet
429Kb / 2P
INTERNAL THREAD C18 SERIES
Rev. E 2006/04/15
C18209G21 MOLEX-C18209G21 Datasheet
485Kb / 4P
C18 SERIES ASSEMBLY OPTIONS
2022/05/19
C18209G21 MOLEX-C18209G21 Datasheet
429Kb / 2P
INTERNAL THREAD C18 SERIES
Rev. E 2006/04/15
C18209G21P7 MOLEX-C18209G21P7 Datasheet
429Kb / 2P
INTERNAL THREAD C18 SERIES
Rev. E 2006/04/15
C18209G22 MOLEX-C18209G22 Datasheet
485Kb / 4P
C18 SERIES ASSEMBLY OPTIONS
2022/05/19
More results

Similar Description - C18209G2ABM

ManufacturerPart #DatasheetDescription
logo
FCI connector
DB25P364TX FCI-CONNECTOR-DB25P364TX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
logo
List of Unclassifed Man...
22-03-2032 ETC2-22-03-2032 Datasheet
543Kb / 5P
KK 100 HEADER ASSEMBLY NON STANDARD OPTIONS
logo
FCI connector
DB25P065HTX FCI-CONNECTOR-DB25P065HTX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
DC37P065TXLF FCI-CONNECTOR-DC37P065TXLF Datasheet
288Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR (WITH ASSEMBLY OPTIONS)
DAP15S065TLF FCI-CONNECTOR-DAP15S065TLF Datasheet
157Kb / 1P
D-SUB S/B CONNECTOR (DP DM SERIES WITH ASSEMBLY OPTIONS)
DA15S365TLF FCI-CONNECTOR-DA15S365TLF Datasheet
129Kb / 1P
D-SUB /S/ W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
logo
Artesyn Technologies
LDS70 ARTESYN-LDS70 Datasheet
973Kb / 3P
Dimming options
logo
Molex Electronics Ltd.
1210230364 MOLEX-1210230364 Datasheet
485Kb / 4P
C18 SERIES ASSEMBLY OPTIONS
2022/05/19
1210230696 MOLEX-1210230696 Datasheet
485Kb / 4P
C18 SERIES ASSEMBLY OPTIONS
2022/05/19
1210240133 MOLEX-1210240133 Datasheet
203Kb / 2P
C18 SERIES INTERNAL THREAD
2020/12/29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com