Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C18209G2ABM Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # C18209G2ABM
Description  C18 SERIES ASSEMBLY OPTIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

C18209G2ABM Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  C18209G2ABM Datasheet HTML 1Page - Molex Electronics Ltd. C18209G2ABM Datasheet HTML 2Page - Molex Electronics Ltd. C18209G2ABM Datasheet HTML 3Page - Molex Electronics Ltd. C18209G2ABM Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FORMAT: Met-lega-master-tb-prod-A2
REVISION: E
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2020/12/29
10:22:15
PRE-RELEASE
REFERENCE
USE
ONLY
DIMENSION UNITS
SCALE
mm
1.5:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES ±
±
3 PLACES ±
±
2 PLACES ±
0.1
±
1 PLACE
±
0.2
±
0 PLACES ±
±
ANGULAR TOL
±
°
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
CURRENT REV DESC: OBSOLETED PART NUMBER
EC NO: 651926
DRWN: ABHISP1
2020/12/02
CHK'D:
GGA
2020/12/29
APPR: GGA
2020/12/29
INITIAL REVISION:
DRWN: JOCONNOR
2011/05/04
APPR: EFOLAN
2011/05/24
THIRD ANGLE PROJECTION
DRAWING
SERIES
A2-SIZE 121023
C18 SERIES
INTERNAL THREAD
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
SD-121023-001
PSD 001
P
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 2
ITEM
DESCRIPTION
1
SCREW
2
COVER ASSEMBLY
3
INSERT ASSEMBLY
4
GASKET
NOTES
1. PLEASE SEE SHEET 2 FOR CURRENTLY CONFIGURED PART NUMBERS,
FOR SPECIFIC PART NUMBERS PLEASE CONTACT SALES OR CONSULT
THE INTELLIGENT PART NUMBERS IN THE TABLE ATTACHED
2. EARTH POSITION SHOWN, H12.
3. FOR PACKAGING SEE PACKAGING SPEC PK-121023-C18
4. PRODUCT SPEC: SEE PS-121201-001
LAST INSPECTION NUMBER 2
NON STANDARD COMPONENTS
14= SINGLE BAG
19= PIN NO.3 NON CONNECTED/REMOVED,
23= ASSEMBLED SCREWS & GASKET
1O= SPECIAL GROMMET
4S= SPECIAL GROMMET
5A= SINGLE BAGGED 500 IN A BOX
9V= NO SCREW OR GASKET
AF= CENTRE SCREW MOUNTED
BM= GOLD TERMINALS
BS= FULLY UNMOUNTED ALL COMPONENTS IN SEPARATE BAGS
OH= INOX SCREW
P7= IP67 COMPLIANT
SA= UL LISTED PART
SCREW AND GASKET
1= NBR PROFILE GASKET & SCREW
2= NBR FLAT GASKET & SCREW
3= WHITE SILICONE PROFILE GASKET & SCREW
4= WHITE SILICONE FLAT GASKET & SCREW
5= NBR PROFILE GASKET, NO SCREW
9= NO GASKET, NO SCREW
0= NO GASKET, NO SCREW
A= NBR PROFILE GASKET & SCREW +2mm
B= NBR FLAT GASKET & SCREW +2mm
C= WHITE SILICONE PROFILE GASKET & SCREW +2mm
G= NO GASKET & STANDARD SCREW
I= BULK PACK FULLY MOUNTED, NO GASKET
P= INTEGRATED NBR GASKET & IP67 SCREW ASSEMBLED
R= INTEGRATED NBR GASKET & IP67 SCREW NOT ASSEMBLED
SERIES
C18= INTERNAL THREAD FORM A
POLES
2= 2 POLE & 3= 3 POLE
THREAD SIZE
09= PG9, 11= PG11, M6= M16x1.5, M0= M20x1.5, 12= 1/2" GAS, 13= 1/2" NPTF
39= PG9 W/STRAIN RELIEF, 41= PG11 W/STRAIN RELIEF
MATERIAL AND HOUSING COLOUR
G = PA6 GRAY, H= PA6 HEAT PROTECTION,
N= PA6 BLACK, W= PA66 BLACK V0, T= TRANSPARENT
GROUND POSITION
0= UNMOUNTED, 2= H12, 3= H3, 6= H6 & 9= H9
42REF
29.5REF
M3REF
18.0
±0.1
1
L
2
L
C
C
NOTE 2
L
C
C
C
L
L
C
L
EM-121023-341
C18 209 N21**
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
9
10
10
11
11
12
12
13
13
14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com