Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2006 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP2006
Description  200KHz, PWM Buck DC/DC & Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2006 Datasheet(HTML) 2 Page - Anachip Corp

  AP2006 Datasheet HTML 1Page - Anachip Corp AP2006 Datasheet HTML 2Page - Anachip Corp AP2006 Datasheet HTML 3Page - Anachip Corp AP2006 Datasheet HTML 4Page - Anachip Corp AP2006 Datasheet HTML 5Page - Anachip Corp AP2006 Datasheet HTML 6Page - Anachip Corp AP2006 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2006
200KHz, PWM Buck DC/DC & Linear Controller
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Nov 17, 2004
2/7
Ordering Information
Package
Packing
S : SOP-8L
AP2006
X X
Blank : Tube
A
: Taping
N : DIP-8L
Block Diagram
Current
Source
bias
1.23V
Reference
2.5V
Regulator
250kHz
OSC.
Start
up
+
Pre-driver
GND
OUT1
V
CC
SS/EN
FB1
+
_
Amp
Comp
FB2
+
_
Amp
Current
Limit
Buffer
OUT2
LPF
LPF
EN
10 A
1.5V
SCP
+
_
µ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com