Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2006 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP2006
Description  200KHz, PWM Buck DC/DC & Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2006 Datasheet(HTML) 3 Page - Anachip Corp

  AP2006 Datasheet HTML 1Page - Anachip Corp AP2006 Datasheet HTML 2Page - Anachip Corp AP2006 Datasheet HTML 3Page - Anachip Corp AP2006 Datasheet HTML 4Page - Anachip Corp AP2006 Datasheet HTML 5Page - Anachip Corp AP2006 Datasheet HTML 6Page - Anachip Corp AP2006 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP2006
200KHz, PWM Buck DC/DC & Linear Controller
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Nov 17, 2004
3/7
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
22
V
VEN
EN Pin Input Voltage
-0.3≦V≦22
V
VFB
Feedback Pin Voltage
-0.3≦V≦22
V
VOUT1/2
Output Voltage to Ground
-0.3≦V≦22
V
SO8
400
PD
Power Dissipation
DIP8
1000
mW
TST
Storage Temperature
-65 to 150
oC
TOP
Operating Temperature
-40 to +125
o
oC
VOP
Operating Voltage
4.5 to 20
V
Electrical Characteristics (All Output Voltage Versions & Channels)
Unless otherwise specified AP2006, Vin=12V, ILOAD = 0.2A.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
-
22
V
IB1/2
Feedback Bias Current
VFB1/2=1.23V(FB1,adj Version)
-
100
1000
nA
FOSC
Oscillator Frequency
200
250
300
KHz
VSAT2
Saturation Voltage (VCC-VOUT2)
IOUT=20mA(no external NPN or
N-MOS)
VFB1=0V force driver on
-
1.2
-
V
Max. Duty Cycle(ON)
VFB1 =0V force driver on
-
100
-
%
DC
Min. Duty Cycle(OFF)
VFB1 =12V force driver off
-
0
-
%
IQ
Quiescent Current (VCC)
VFB1/2=12V force driver off
-
6
-
mA
Low (regulator OFF)
-
-
0.2
VIL
Shutdown Logic Input Threshold
Voltage
High (regulator ON)
1.0
-
-
V
IL
EN pin Input Current
VLOGIC =0.5V (regulator OFF)
-
20
-
uA
ICL2
Current Limit (OUT2)
VCC=5V, VOUT2=VFB2=0V
25
-
-
mA
AP2006 OUT1 Feedback
Voltage
1.20
1.23
1.26
VFB1/2
AP2006 OUT2 Feedback
Voltage
4.75V < VCC1 < 20V
3.0V < VCC2 < 20V
1.17
1.20
1.23
V
VUT
Upper Threshold Voltage (VCC)
-
4.3
-
V
VLWT
Lower Threshold Voltage (VCC)
-
4.1
-
V
VHT
Hysteresis (VCC)
IO(REF) = 0.1mA
TA = 25ºC
-
200
-
mV
VIT
Input Threshold Voltage (SCP)
TA = 25ºC
0.60
0.67
0.75
V
VSTB
Standby Voltage (SCP)
No pull up
100
130
160
mV
VLT
Latched Input Voltage (SCP)
No pull up
-
50
100
mV
ISCP
Input (source) Current (SCP)
VI = 0.7V, TA = 25ºC
-5
-10
-20
µA
ILEAK
Leakage current (OUT1)
FB=12V
-
-
10
µA
Sink Current (OUT1)
VIN= 12V
-
300
-
mA
IDRV
Source Current (OUT1)
VIN= 12V
-
200
-
mA
VSAT
Output Saturation Voltage
(OUT1)
IO = 10 mA
-
1.0
1.5
V
ISC
Short-circuit Output Current
(OUT1)
VO = 6V, VFB=12V
-
120
-
mA
VSS
Soft-start Voltage
-
2.4
-
V
ISS
Constant Charge Current
-
10
-
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com