Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01ACJ-R05-R-C-E22 Datasheet(PDF) 1 Page - C&K Components

Part # 01ACJ-R05-R-C-E22
Description  Mini Size Sealed Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

01ACJ-R05-R-C-E22 Datasheet(HTML) 1 Page - C&K Components

  01ACJ-R05-R-C-E22 Datasheet HTML 1Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 2Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 3Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 4Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
J
J–10
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
27 Jan 22
ZMT Series
Mini Size Sealed Snap-acting Switches
Features/Benefits
• IP67 rating / Dust tight protection
• From 0.1A to 5A max. (ultra-low
current available)
• Excellent sealed solution for
modules mechanisms in Automotive
and Medical applications
• UL / ENEC
Typical Applications
• Automotive: door latch,
seat position detection, EV
charging
• Handheld devices
(medical)
• Industrial equipment
• Consumer electronics
Specifications
CONTACT RATING: 0.1A 125/250VAC 3A 24VDC
3A 125/250VAC 3A 24VDC
5A 125/250 VAC 3A 24VDC
ELECTRICAL LIFE: 10,000 cycles
ELECTRICAL OPERATING FREQUENCY: 10-30 operations per
minute
MECHANICAL LIFE: 1,000,000 operations
MECHANICAL OPERATING FREQUENCY: 120 operations per
minute
INSULATION RESISTANCE: Min. 100 MΩ ( 500 VDC/minute )
between Live-parts and dead metal parts
DIELECTRIC STRENGTH:
500VAC (50-60HZ)/minute between contacts
1500VAC (50-60HZ)/minute between Live-parts and dead
metal parts
OPERATING TEMPERATURE: –40ºC to 85ºC (with no icing)
OPERATING FORCE: 200 grams
Materials
CASE: PBT
COVER: PBT
BUTTON: PBT
MOVABLE CONTACTS: AG alloy
TERMINALS: AG alloy
LEVER: Stainless steel
WIRE: PVC+CU
LOWE CASE: Nylon
RUBBER SEAL: Silicon
Build-A-Switch
Our easy build-a-switch concept allows you to mix and mtach options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Circuitry
C
SPDT
W
SPST N.C.
Y
SPST N.O.
Electrical Rating
01A 0.1A 125/250VAC (Contact silver plated)
03A 3A 125/250VAC (Contact silver plated)
05A 5A 125/250VAC (Contact silver plated)
G03 3A 125/250VAC (Contact gold plated)
Actuator Type
P00 Pin plunger
L03 Leaf lever 3.2 mm
F01 Leaf lever (fold) 1.1 mm
S02 Simulated leaf roller 1.9 mm
S05 Simulated leaf roller 5.0 mm
S06 Simulated leaf roller 5.8 mm
A01 Roller 0.2 mm
H03 Hinged lever 3.2 mm
R05 Hinged simulated leaf roller 5.0 mm
Terminations
P PC thru-hole
S Solder
L Left-footed, PC thru-hole
R Right-footed, PC thru-hole
J Wire leads out bottom
K Wire leads out right side
W Wire leads out left side
Z M
Cover & Case Type
E E type
T
E
NEW
Operating Force
CF Refer to force table (P00 = 100 gf)
CJ
Refer to force table (P00 = 170 gf)
Wire Type for J, K, W
Terminations
NONE AVSS 0.3 mm2
(No UL, No ENEC)
20 UL1007 20 AWG
22 UL1007 22 AWG
24 UL1007 24 AWG


Similar Part No. - 01ACJ-R05-R-C-E22

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
01AB2D DELTA-01AB2D Datasheet
62Kb / 1P
COMPACT IEC CONNECTOR FILTERS
01AB2S DELTA-01AB2S Datasheet
62Kb / 1P
COMPACT IEC CONNECTOR FILTERS
logo
Integrated Circuit Syst...
01AL ICST-01AL Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
logo
BELIMO AIRCONTROLS (USA...
01APS-501 BELIMO-01APS-501 Datasheet
494Kb / 3P
Differential Pressure Switch
01APS-504 BELIMO-01APS-504 Datasheet
494Kb / 3P
Differential Pressure Switch
More results

Similar Description - 01ACJ-R05-R-C-E22

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
Mini Size Snap-acting Switches
2020
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
Mini Size Snap-acting Switches
2021
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
Mini Size Precision Snap-acting Switches
24 Mar 21
LCS CK-COMPONENTS-LCS_V01 Datasheet
538Kb / 4P
Small Size Sealed Snap-acting Switches
31 May 21
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
Mini Size Snap-acting Switches
31 May 21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com