Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01ACJ-R05-R-C-E22 Datasheet(PDF) 3 Page - C&K Components

Part # 01ACJ-R05-R-C-E22
Description  Mini Size Sealed Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

01ACJ-R05-R-C-E22 Datasheet(HTML) 3 Page - C&K Components

  01ACJ-R05-R-C-E22 Datasheet HTML 1Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 2Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 3Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 4Page - C&K Components 01ACJ-R05-R-C-E22 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
J
J–12
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
Third Angle
Projection
ZMT Series
Mini Size Sealed Snap-acting Switches
ACTUATORS
P00  PIN PLUNGER
L03  LEAF LEVER 3.2 MM
S05  SIMULATED LEAF ROLLER 5.0 MM
S02  SIMULATED ROLLER 1.9 MM
S06  SIMULATED LEAF ROLLER 5.8 MM
H03  HINGED LEVER 3.2 MM
F01  LEAF LEVER (FOLD) 1.1 MM
R05  HINGED SIMULATED LEAF ROLLER 5.0 MM
A01  ROLLER 0.2 MM
NEW
27 Jan 22



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com