Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC397C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC397C
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC397C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC397C Datasheet HTML 1Page - Renesas Technology Corp HVC397C Datasheet HTML 2Page - Renesas Technology Corp HVC397C Datasheet HTML 3Page - Renesas Technology Corp HVC397C Datasheet HTML 4Page - Renesas Technology Corp HVC397C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC397C
Rev.1.00, Apr.25.2003, page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
I
R1

10
V
R = 10 V
Reverse current
I
R2

50
nA
V
R = 10 V, Ta = 60°C
C
1
27.0
28.5
V
R = 1 V, f = 1 MHz
C
2
18.0
20.0
V
R = 2 V, f = 1 MHz
Capacitance
C
4
6.8
8.5
pF
V
R = 4 V, f = 1 MHz
n
1
1.3

C
1 / C2
Capacitance ratio
n
2
2.9

C
1 / C4
Series resistance
r
s

1.2
Ω
V
R = 1 V, f = 470 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com