Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC397C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC397C
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC397C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC397C Datasheet HTML 1Page - Renesas Technology Corp HVC397C Datasheet HTML 2Page - Renesas Technology Corp HVC397C Datasheet HTML 3Page - Renesas Technology Corp HVC397C Datasheet HTML 4Page - Renesas Technology Corp HVC397C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC397C
Rev.1.00, Apr.25.2003, page 3 of 5
Main Characteristic
016
20
48
12
1
5
60
50
40
20
10
30
0
1.0
0.6
0.4
0
1.0
5.0
0.5
0.7
0.8
0.9
f = 470MHz
0
10
–13
10
–12
10
–11
10
–10
2.0
3.0
4.0
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
10
–9
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f = 1MHz
23
4
0.1
1.0
10
–1.5
–1.0
–0.5
0
–2.0
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com