Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8501
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8501 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8501 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8501 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
w
WM8501
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre-Production, May 2006, Rev 3.1
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8501 is a high performance stereo DAC with an
integrated 1.7Vrms line driver. It is designed for audio
applications that require a high voltage output along with
enhanced load drive capability.
The WM8501 supports data input word lengths from 16 to
24-bits and sampling rates up to 192kHz. The WM8501
consists of a serial interface port, digital interpolation filters,
multi-bit sigma delta modulators and stereo DAC in a 14-
lead SOIC package.
The hardware control interface is used for the selection of
audio data interface format, enable and de-emphasis. The
WM8501 supports I
2S, right Justified or DSP interfaces.
Operating on separate analog and digital supplies the
WM8501 offers very lower power consumption from the
digital section, whilst supporting enhanced load drive from
the analogue output.
FEATURES
•
Stereo DAC with 1.7Vrms line driver from 5V analogue
supply
•
Audio performance
-
100dB SNR (‘A’ weighted @ 48kHz)
-
-88dB THD
•
DAC Sampling Frequency: 8kHz – 192kHz
•
Pin Selectable Audio Data Interface Format
-
I
2S, 16-bit Right Justified or DSP
•
14-lead SOIC package
•
4.5V - 5.5V analogue, 2.7V - 5.5V digital supply operation
APPLICATIONS
•
STB
•
DVD
•
Digital TV
BLOCK DIAGRAM


Similar Part No. - WM8501

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8501 CIRRUS-WM8501 Datasheet
313Kb / 21P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Wolfson Microelectronic...
WM8501GED/RV WOLFSON-WM8501GED/RV Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8501GED/V WOLFSON-WM8501GED/V Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8501 WOLFSON-WM8501_09 Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
More results

Similar Description - WM8501

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8522 WOLFSON-WM8522 Datasheet
407Kb / 39P
24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8501 WOLFSON-WM8501_09 Datasheet
285Kb / 20P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Cirrus Logic
WM8501 CIRRUS-WM8501 Datasheet
313Kb / 21P
24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com