Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1NK60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # D1NK60
Description  N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1NK60 Datasheet(HTML) 3 Page - STMicroelectronics

  D1NK60 Datasheet HTML 1Page - STMicroelectronics D1NK60 Datasheet HTML 2Page - STMicroelectronics D1NK60 Datasheet HTML 3Page - STMicroelectronics D1NK60 Datasheet HTML 4Page - STMicroelectronics D1NK60 Datasheet HTML 5Page - STMicroelectronics D1NK60 Datasheet HTML 6Page - STMicroelectronics D1NK60 Datasheet HTML 7Page - STMicroelectronics D1NK60 Datasheet HTML 8Page - STMicroelectronics D1NK60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 7: Dynamic
Table 8: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 15 V, ID= 0.5 A
1
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
156
23.5
3.8
pF
pF
pF
td(on)
tr
td(off)
tr
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 300 V, ID = 0.5 A,
RG= 4.7 Ω, VGS = 10 V
(Resistive Load see, Figure
21)
6.5
5
19
25
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 480V, ID = 1 A,
VGS = 10V, RG= 4.7 Ω
(see, Figure 23)
7
1.1
3.7
10
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
1
4
A
A
VSD (1)
Forward On Voltage
ISD = 1.0 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 1.0 A, di/dt = 100 A/µs
VDD = 25V, Tj = 25°C
(see test circuit, Figure 22)
140
240
3.3
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 1.0 A, di/dt = 100 A/µs
VDD = 25V, Tj = 150°C
(see test circuit, Figure 22)
229
377
3.3
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com