Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1NK60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # D1NK60
Description  N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1NK60 Datasheet(HTML) 4 Page - STMicroelectronics

  D1NK60 Datasheet HTML 1Page - STMicroelectronics D1NK60 Datasheet HTML 2Page - STMicroelectronics D1NK60 Datasheet HTML 3Page - STMicroelectronics D1NK60 Datasheet HTML 4Page - STMicroelectronics D1NK60 Datasheet HTML 5Page - STMicroelectronics D1NK60 Datasheet HTML 6Page - STMicroelectronics D1NK60 Datasheet HTML 7Page - STMicroelectronics D1NK60 Datasheet HTML 8Page - STMicroelectronics D1NK60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
4/15
Figure 3: .Safe Operating Area For SOT-223
Figure 4: Safe Operating Area For DPAK/IPAK
Figure 5: Safe Operating Area For TO-92
Figure 6: Thermal Impedance For SOT-223
Figure 7: Thermal Impedance For DPAK/IPAK
Figure 8: Thermal Impedance For TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com