Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501GEV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8501GEV
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8501GEV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8501GEV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8501GEV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Pre-Production
WM8501
w
PP Rev 3.1 May 2006
13
HARDWARE CONTROL MODES
The WM8501 is hardware programmable providing the user with options to select input audio data
format, de-emphasis and mute.
ENABLE OPERATION
Pin 4 (ENABLE) controls the operation of the chip. If ENABLE is low the device is held in a low
power state. If this pin is held high the device is powered up.
To ensure correct operation it is essential that there is a low to high transition on the ENABLE pin
after digital supplies have come on. This can be achieved by providing the ENABLE signal from
an external controller chip or by means of a simple RC network on the ENABLE pin. See
“Recommended External Components” in the “Application Information” section at the end of this
datasheet.
Note that the ENABLE pin should not be used as a mute pin or to temporarily silence the DAC
(between tracks of a CD for example). The ENABLE pin is not intended to be used as a mute
control but to allow entry into low power mode. Disabling the device via the ENABLE pin has the
effect of powering down the voltage on the VMID pin. Repeated enabling/disabling of the device
can cause audible pops at the output.
HIGH PERFORMANCE MODE
On the rising edge of ENABLE, the DEEMPH pin is sampled. If it is low the device powers up
normally. If it is high the device goes into a high performance and high power consumption state.
Once ENABLE is high, DEEMPH controls the selection of the de-emphasis filter.
INPUT AUDIO FORMAT SELECTION
FORMAT (pin 13) controls the data input format.
FORMAT
INPUT DATA MODE
0
16 bit right justified
1
16–24 bit I
2S
Table 2 Input Audio Format Selection
Notes:
1.
In 16-24 bit I
2S mode, any data from 16-24 bits or more is supported provided that LRCLK is
high for a minimum of data width BCLKs and low for a minimum of data width BCLKs,
unless Note 2. For data widths greater than 24 bits, the LSB’s will be truncated and the
most significant 24 bits will be used by the internal processing.
2.
If exactly 16 BCLK cycles occur in both the low and high period of LRCLK the WM8501 will
assume the data is 16-bit and accept the data accordingly.
INPUT DSP FORMAT SELECTION
FORMAT
50% LRCLK DUTY CYCLE
LRCLK of 4 BCLK or Less Duration
0
16 bit
(MSB-first, right justified)
DSP format –mode B
1
I
2S format up to 24 bit
(Philips serial data protocol)
DSP format –mode A
Table 3 DSP Interface Formats
DE-EMPHASIS CONTROL
DEEMPH (pin 12) is an input control for selection of de-emphasis filtering to be applied.
DEEMPH
DE-EMPHASIS
0
Off
1
On
Table 4 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com