Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14967 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14967
Description  SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14967 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14967 Datasheet HTML 1Page - SparkFun Electronics COM-14967 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
COM-14967
This is the one inch version of the SparkFun LuMini LED Ring, packed with 20 individually
addressable LEDs, each capable of producing 16 million colors, it provides you with a lot of color for
just about any reason! LuMini is a miniaturized version of our Lumenati LED line but instead of
utilizing 5mm by 5mm APA102 LEDs (APA102-5050), LuMini uses a 2mm by 2mm package
(APA102-2020). This allows for incredibly tight pixel densities, and thus, a more continuous ring of
color for you to use!
The LuMini LED Ring is powered and controlled using a few solder pads on the back of each board.
These pads include 5V and ground, a set of pads for data and clock input, and another set for data
and clock output. Since the ring acts like a string of LEDs, you’ll find multiple numbers silked onto
the back of the board that correspond to the LED number in the above. The last handy feature we’ve
equipped the LuMini LED Ring with is four detachable mounting points (two inside the ring and two
outside) that can be used to secure your ring to a surface/project or be broken off to make more
complex designs.
Note: In larger installations you may need to add a decoupling capacitor between power and ground
to prevent voltage dips when turning on a whole bunch of LED’s simultaneously. We recommend
using a 4.7µF capacitor which we sell in strips of 10.
FEATURES
1in Diameter
20x APA102-2020 LEDs
4x Detachable Mounting Points
Optional Capacitor Space
Daisy-Chainable


Similar Part No. - COM-14967

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
More results

Similar Description - COM-14967

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12233 SPARKFUN-ROB-12233 Datasheet
93Kb / 1P
Rubber Ring - 4.65ID x 1/8W
2/12/2016
ROB-12278 SPARKFUN-ROB-12278 Datasheet
91Kb / 1P
Rubber Ring - 5.65ID x 1/4W
2/12/2016
ROB-12343 SPARKFUN-ROB-12343 Datasheet
90Kb / 1P
Rubber Ring - 1.65ID x 1/8W
2/12/2016
ROB-12403 SPARKFUN-ROB-12403 Datasheet
92Kb / 1P
Rubber Ring - 2.65ID x 1/8W
2/12/2016
ROB-12549 SPARKFUN-ROB-12549 Datasheet
92Kb / 1P
Rubber Ring - 3.65"ID x 1/8"W
2/12/2016
TOL-15295 SPARKFUN-TOL-15295 Datasheet
95Kb / 1P
SparkFun PCB Ruler - 12 Inch
4??7??9
logo
Quelighting Corp
QLSP20XXEU-309 QUELIGHTING-QLSP20XXEU-309 Datasheet
1,021Kb / 16P
High Power 2020 LED
1.0 06-16-2021
logo
SparkFun Electronics
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
COM-15047 SPARKFUN-COM-15047 Datasheet
220Kb / 3P
SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
2-6-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com