Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSA1V1008-XXX-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCSA1V1008-XXX-R
Description  Automotive grade dual winding high current inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCSA1V1008-XXX-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCSA1V1008-XXX-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data ELX1085
Effective July 2021
HCSA1V1008
Automotive grade dual winding high current inductor
Product features
•
AEC-Q200 qualified
•
Magnetically shielded, low EMI
•
Robust molded construction
•
Dual winding, ideal for SEPIC converters
•
Inductance range from 10 μH to 22 μH
•
Current range from 3.3 A to 11.2 A
•
11.35 mm x 10.3 mm footprint surface mount
package in a 8.2 mm height
•
Moisture sensitivity level (MSL): 1
•
Alloy powder core material
Applications
•
Body electronics
•
Heating ventilation and air conditioning
controllers (HVAC)
•
Headlamps, tail lamps and interior lighting and
LED lighting
•
Doors, window lift and seat control
•
Advanced driver assistance systems
•
Basic and smart surround, and rear and front-
view camera
•
Adaptive cruise control (ACC)
•
Collision avoidance system
•
Car black box system
•
Infotainment and cluster electronics
•
Audio subsystem: head unit and trunk amp
•
Digital instrument cluster
•
In-vehicle infotainment (IVI) and navigation
•
Engine and powertrain systems
•
Diesel/gasoline engine management
•
Powertrain control module (PCM)/ engine
control unit (ECU)
•
Transmission control unit (TCU)
Environmental compliance and general
specifications
•
Storage temperature range (Component):
-55 °C to +155 °C
•
Operating temperature range: -55 °C to +155 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - HCSA1V1008-XXX-R

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HCSA708 HOTTECH-HCSA708 Datasheet
279Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HCSA1V1008-XXX-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SDQ25-331-R COOPER-SDQ25-331-R Datasheet
365Kb / 4P
Low-Profile Dual Winding Shielded Inductor/Transformer
logo
List of Unclassifed Man...
SDQ25-100-R ETC2-SDQ25-100-R Datasheet
365Kb / 4P
Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Accetek Electronics (Sh...
2MA ACCETEK-2MA Datasheet
321Kb / 7P
Dual Winding Shielded Inductor/Transformer
logo
Eaton All Rights Reserv...
DRAQ127 EATON-DRAQ127 Datasheet
1Mb / 5P
Automotive grade Dual winding, high power density shielded drum core power inductors
logo
TAI-TECH Advanced Elect...
SWI1008UF TAI-TECH-SWI1008UF Datasheet
146Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0402F TAI-TECH-SWI0402F Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com