Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSA1V1008-XXX-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HCSA1V1008-XXX-R
Description  Automotive grade dual winding high current inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCSA1V1008-XXX-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HCSA1V1008-XXX-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCSA1V1008-XXX-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data ELX1085
Effective July 2021
HCSA1V1008
Automotive grade dual winding high current inductor
www.eaton.com/electronics
Part marking: xxx= inductance value in μH, R= decimal point, If no R is present then last character equals number of zeros
yyyy= lot code
All soldering surfaces to be coplanar within 0.1 millimeters
Tolerances are ±0.3 millimeters unless stated otherwise
Pad layout tolerances are ±0.1 millimeters unless stated otherwise
DCR is measured from point “a” to point “b”
Traces or vias underneath the inductor is not recommended
Dimensions- mm
1
4
3
2
Product specifications
Part number7
OCL1
(μH) ± 20%
FLL2 (μH)
minimum
I
rms
3
(A)
maximum
I
sat
4
(A)
maximum
DCR (mΩ)
typical
@ +20 °C
DCR (mΩ)
maximum
@ +20 °C
Coupling
coefficient
(K)
SCL (μH)
typical5
SRF
(MHz)
typical
K-factor6
HCSA1V1008-100-R
10
5.6
5.0
11.2
35.80
40.45
0.95
0.30
8.4
39
HCSA1V1008-150-R
15
8.4
3.8
9.1
58.37
65.96
0.95
0.35
7.0
29
HCSA1V1008-220-R
22
12.3
3.32
7.5
74.40
84.07
0.96
0.35
5.0
25
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.25 V
rms, 0.0 Adc, +25 °C, pins (1 - 3), (2 - 4)
2. Full Load Inductance (FLL) Test Parameters: 100 kHz, 0.25 V
rms, Isat, , +25 °C, pins (1 - 3), (2 - 4)
3. Irms: DC current for an approximate temperature rise of 30 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed +155 °C under worst case operating
conditions verified in the end application.
4. Isat: Peak current for approximately 30% rolloff @ +25 °C, pins: (1 - 3), (2 - 4)
5. Short circuit inductance (SCL) test parametrs: 100 kHzs, 0.25 Vrms, 0.0 Adc, pins: (1 - 3) short pins (2 - 4)
6. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p: (Gauss), K: (K-factor from table),
L: (Inductance in μH), ΔI (Peak to peak ripple current in Amps).
7. Part Number Definition: HCSA1V1008-xxx-R
HCSA1V1008 = Product code and size
xxx= inductance value in μH, R= decimal point,
If no R is present then last character equals number of zeros
-R suffix = RoHS compliant
Part number
A
B
C
D
E
F
G
H
I
J
HCSA1V1008-xxx-R
11 ±0.35
10 ±0.3
8.2 maximum
3.1 ±0.3
2.4 ±0.5
6.4 typical
1.6 ±0.2
0.05~0.25
4.2 reference
4.2 reference
Schematic
Recommended pad layout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com