Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD-1.0 Datasheet(PDF) 13 Page - ABLIC Inc.

Part # FU008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD-1.0 Datasheet(HTML) 13 Page - ABLIC Inc.

Back Button FU008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 10Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 12Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 13Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 14Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 15Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 16Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 17Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
S-35710M
13
Configuration of Registers
1. Time register
The time register is a 3-byte register that stores the timer value in the binary code.
The time register is read-only.
Perform the read operation of the time register in 3-byte unit from TM23 to TM0.
Example:
3 seconds
(0000_0000_0000_0000_0000_0011)
45 minutes
(0000_0000_0000_1010_1000_1100)
5 hours 30 minutes
(0000_0000_0100_1101_0101_1000)
TM0
TM1
TM2
TM3
TM4
TM5
TM6
TM7
B7
B0
TM8
TM9
TM10
TM11
TM12
TM13
TM14
TM15
B7
B0
TM16
TM17
TM18
TM19
TM20
TM21
TM22
TM23
B7
B0
Figure 13
2. Wake-up time register
The wake-up time register is a 3-byte register that stores the wake-up time of the microcontroller in the binary code.
The wake-up time register is possible for write and read.
Perform the write and read operation of the wake-up time register in 3-byte unit from WU23 to WU0.
When performing the read operation of the wake-up time register, set the RST
_______
pin to "H". If the RST
_______
pin is set to "L",
the time register data is read.
WU0
WU1
WU2
WU3
WU4
WU5
WU6
WU7
B7
B0
WU8
WU9
WU10
WU11
WU12
WU13
WU14
WU15
B7
B0
WU16
WU17
WU18
WU19
WU20
WU21
WU22
WU23
B7
B0
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com