Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD-1.0 Datasheet(PDF) 21 Page - ABLIC Inc.

Part # FU008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD-1.0 Datasheet(HTML) 21 Page - ABLIC Inc.

Back Button FU008-A-R-SD-1.0 Datasheet HTML 17Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 18Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 19Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 20Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 21Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 22Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 23Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 24Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 25Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
S-35710M
21
RST
________
Pin
1. Chattering elimination
The RST
_______
pin has a built-in chattering elimination circuit, and the output logic is active "L".
Sampling is carried out 3 times at a clock period of 8 Hz and the RST
_______
pin input signal is verified. If all of the sampling
results are "L", the counter is reset, if all the results are "H", a count-up action is started.
The chattering elimination circuit can eliminate the pulse width of 2 periods (approximately 0.25 seconds) of the clock
(8 Hz). To determine the RST
_______
pin "L" or "H" input, maintain the RST
_______
pin "L" or "H" input during the period longer than
3.5 periods (0.438 seconds) of clock (8 Hz). This is because, for example, if the RST
_______
pin "L" or "H" input is 0.375
seconds, the input may not be determined depending on the clock timing.
<1>
<2>
<3>
<1>
<2>
<1>
<2>
<1>
<2>
<3>
<3>
0.375 seconds
Uncertain
Uncertain
Chattering elimination
example
Counter reset
Count-up action starts
RST pin input signal
Clock (8Hz)
Reset signal after
chattering elimination
"L" determination
"H" determination
Figure 25 Example: Timing Chart of Chattering Elimination
2. Operation at power-on
At power-on, the reset signal after chattering elimination is "L" regardless of the RST
_______
pin status. Consequently, the
S-35710M becomes initial status (Refer to "Figure 12 Status Transition Diagram for S-35710M") and can not
perform write operation to the wake-up time register. When the reset signal after chattering elimination is "L", the no
acknowledge is output in the 2nd or subserquent bytes if write operation is performed to the wake-up time register.
If the crystal oscillation circuit starts to oscillate after power-on, the clock operates and the reset signal after chattering
elimination becomes "H", the S-35710M then migrates to read mode. This makes the write operation to the wake-up
time register possible. Figure 26 shows the timing chart at power-on.
The write-disable time period of the wake-up time register showed in Figure 26 changes according to the oscillation
start time. If the no acknowledge is output from the S-35710M at the time of write operation to the wake-up time
register immediately after power-on, it is recommended to set a time interval of approximately 0.5 seconds to 1 second
for the next communication until the oscillation is stabilized.
<1>
<2>
<3>
Write-disable time period of wake-up time register
Migrates to read mode
VDD
Clock (8 Hz)
Reset signal after
chattering elimination
RST pin input signal
Figure 26 Timing Chart at Power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com