Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM008-A-R-SD Datasheet(PDF) 11 Page - ABLIC Inc.

Part # FM008-A-R-SD
Description  PIN-SELECTABLE WAKE-UP TIMER IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD Datasheet(HTML) 11 Page - ABLIC Inc.

Back Button FM008-A-R-SD Datasheet HTML 7Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 9Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 10Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 11Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 12Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 13Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 14Page - ABLIC Inc. FM008-A-R-SD Datasheet HTML 15Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
WAKE-UP TIMER IC
PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35720 Series
11
2. When power supply voltage is raised at RST
_______
pin = "H"
Set the RST
_______
pin to "L" after the power supply voltage reaches 1.8 V or higher. If the RST
_______
pin is set to "L" for 500 ms
or longer, the oscillation start signal becomes "H", and the crystal oscillation circuit normally oscillates. After that, if the
RST
_______
pin is set to "H", the oscillation start signal becomes "L" within 500 ms, and the oscillation status is maintained.
The current consumption increases by 30
μA typ. while the RST
_______
pin is set to "L".
10 ms
0V*1
1.8 V
0.2 V or lower
RST pin input
Oscillation start signal
(Operation power supply voltage min.)
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35720 Series.
Figure 11 When Power Supply Voltage is Raised at RST
_______
Pin = "H"
The RST
_______
pin has a built-in chattering elimination circuit.
Regarding the chattering elimination of the RST
_______
pin, refer to " Chattering Elimination of RST
_______
Pin".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com